| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8993 Fiches technique(PDF) 35 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8993 Fiches technique(HTML) 35 Page - Wolfson Microelectronics plc |
|
35 / 229 page ![]() Production Data WM8993 w PD, November 2010, Rev 4.0 35 INPUT SIGNAL PATH The WM8993 has eight highly flexible analogue input channels, configurable in a large number of combinations: 1. Up to four fully differential or single-ended microphone inputs 2. Up to eight mono line inputs or 4 stereo line inputs 3. A dedicated mono differential input from external voice CODEC These inputs may be mixed together or independently routed to different combinations of output drivers. An internal record path is provided at the input mixers to allow DAC output to be mixed with the input signal path (e.g. for voice call recording). The WM8993 input signal paths and control registers are illustrated in Figure 7. Figure 7 Control Registers for Input Signal Path |