| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8993 Fiches technique(PDF) 83 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8993 Fiches technique(HTML) 83 Page - Wolfson Microelectronics plc |
|
83 / 229 page ![]() Production Data WM8993 w PD, November 2010, Rev 4.0 83 LINEOUT2 single-ended mode is selected by setting LINEOUT2_MODE = 1. In single-ended mode, any of three possible signal paths may be enabled: MIXOUTR (right output mixer) to LINEOUT2P MIXOUTL (left output mixer) to LINEOUT2N MIXOUTR (right output mixer) to LINEOUT2N LINEOUT2 differential mode is selected by setting LINEOUT2_MODE = 0. In differential mode, any of three possible signal paths may be enabled: MIXOUTR (right output mixer) to LINEOUT2N and LINEOUT2P IN1L (input PGA) to LINEOUT2P and LINEOUT2P IN1R (input PGA) to LINEOUT2N and LINEOUT2P The LINEOUT2 output mixers are controlled as described in Table 54. Care should be taken to avoid clipping when enabling more than one path to the line output mixers. The LINEOUT2_VOL control can be used to provide -6dB attenuation when more than one full scale signal is applied. When using the LINEOUT2 mixers in single-ended mode, a buffered VMID must be enabled. This is achieved by setting LINEOUT_VMID_BUF_ENA, as described in the “Analogue Outputs” section. |