| Moteur de recherche de fiches techniques de composants électroniques |
|
AN983 Fiches technique(PDF) 75 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AN983 Fiches technique(HTML) 75 Page - List of Unclassifed Manufacturers |
|
75 / 91 page ![]() AN983B PCI/miPCI Fast Ethernet Controller with integrated PHY B2 maintained. No Tx and Rx Full speed access (B0, B1) D3hot B0, B1, B2 Configuration lost, full initialization required upon return to D0 Stopped to Full speed PCI configuration access (B0, B1) D3cold B3 All configurations lost. Power-on defaults in place on return to D0 No clock No power Power-on reset ADMtek Inc. www.admtek.com.tw Rev. 1.8 75 |