| Moteur de recherche de fiches techniques de composants électroniques |
|
AN983 Fiches technique(PDF) 56 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AN983 Fiches technique(HTML) 56 Page - List of Unclassifed Manufacturers |
|
56 / 91 page ![]() AN983B PCI/miPCI Fast Ethernet Controller with integrated PHY 8. FUNCTIONAL DESCRIPTIONS 8.1 INITIALIZATION FLOW The flow of initialize AN983B is shown as below. Serach NIC End Get base IO address Get IRQ value Reset MAC(CSR0) Reset PHY(XR0) Need setting media type? Yes No (Force Media) Program the media type to PHY R0 Read EEPROM from CSR9 Set Physical address (CSR25, 26) Need setting Multicast? Yes No Set Multicast address table (CSR27, 28) Prepare Transmit descriptor and buffer Install NIC ISR function Open NIC interrupt Enable Tx&Rx function Fig - 4 Initialization flow ADMtek Inc. www.admtek.com.tw Rev. 1.8 56 |