Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN983 Fiches technique(PDF) 55 Page - List of Unclassifed Manufacturers

No de pièce AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

AN983 Fiches technique(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 51Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 52Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 53Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 54Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 55Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 56Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 57Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 58Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
25
TER
End of Ring
24
TCH
2nd address chain
Indicate the buffer2 address is the next descriptor address
23
DPD
Disable padding function
22
---
Reserved
21-11
TBS2
Buffer 2 size
10-0
TBS1
Buffer 1 size
TDES2
Bit #
Name
Descriptions
31~0
BA1
Buffer Address 1. Without any limitation on the transmission buffer address.
TDES3
Bit #
Name
Descriptions
31~0
BA2
Buffer Address 2. Without any limitation on the transmission buffer address.
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91