Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320DM355CZCEA13 Fiches technique(PDF) 98 Page - Texas Instruments

No de pièce TMS320DM355CZCEA13
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355CZCEA13 Fiches technique(HTML) 98 Page - Texas Instruments

Back Button TMS320DM355CZCEA13 Datasheet HTML 94Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 95Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 96Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 97Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 98Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 99Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 100Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 101Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 163 page
background image
TMS320DM355
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
Table 3-29. DM355 EDMA Channel Synchronization Events (1) (2) (continued)
EDMA
EVENT NAME
EVENT DESCRIPTION
CHANNEL
19
UART0: UTXEVT0
UART 0 Transmit Event
20
UART1: URXEVT1
UART 1 Receive Event
21
UART1: UTXEVT1
UART 1 Transmit Event
22
UART2: URXEVT2
UART 2 Receive Event
23
UART2: UTXEVT2
UART 2 Transmit Event
24
Reserved
25
GPIO: GPINT9
GPIO 9 Interrupt Event
26
MMC0RXEVT
MMC/SD0 Receive Event
27
MMC0TXEVT
MMC/SD0 Transmit Event
28
I2CREVT
I2C Receive Event
29
I2CXEVT
I2C Transmit Event
30
MMC1RXEVT
MMC/SD1 Receive Event
31
MMC1TXEVT
MMC/SD1 Transmit Event
32
GPINT0
GPIO 0 Interrupt Event
33
GPINT1
GPIO 1 Interrupt Event
34
GPINT2
GPIO 2 Interrupt Event
35
GPINT3
GPIO 3 Interrupt Event
36
GPINT4
GPIO 4 Interrupt Event
37
GPINT5
GPIO 5 Interrupt Event
38
GPINT6
GPIO 6 Interrupt Event
39
GPINT7
GPIO 7 Interrupt Event
40
GPBNKINT0
GPIO Bank 0 Interrupt Event
41
GPBNKINT1
GPIO Bank 1 Interrupt Event
42
GPBNKINT2
GPIO Bank 2 Interrupt Event
43
GPBNKINT3
GPIO Bank 3 Interrupt Event
44
GPBNKINT4
GPIO Bank 4 Interrupt Event
45
GPBNKINT5
GPIO Bank 5 Interrupt Event
46
GPBNKINT6
GPIO Bank 6 Interrupt Event
47
GPINT8
GPIO 8 Interrupt Event
48
TIMER0: TINT0
Timer 0 Interrupt Event
49
TIMER0: TINT1
Timer 1 Interrupt Event
50
TIMER1: TINT2
Timer 2 Interrupt Event
51
TIMER1: TINT3
Timer 3 Interrupt Event
52
PWM0
PWM 0 Event
53
PWM1
PWM 1 Event
54
PWM2
PWM 2 Event
55
PWM3
PWM 3 Event
56 - 63
Reserved
3.15 MPEG4/JPEG Overview
The DM355 supports the computational operations used for image processing, JPEG compression and
MPEG4 video and imaging standard.
98
Detailed Device Description
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More