Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320DM355CZCEA13 Fiches technique(PDF) 59 Page - Texas Instruments

No de pièce TMS320DM355CZCEA13
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355CZCEA13 Fiches technique(HTML) 59 Page - Texas Instruments

Back Button TMS320DM355CZCEA13 Datasheet HTML 55Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 56Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 57Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 58Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 59Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 60Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 61Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 62Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 163 page
background image
TMS320DM355
www.ti.com
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
Reference Guide This document describes the operation of the audio serial port (ASP)
audio interface in the TMS320DM35x Digital Media System-on-Chip (DMSoC). The primary
audio modes that are supported by the ASP are the AC97 and IIS modes. In addition to the
primary audio modes, the ASP supports general serial port receive and transmit operation,
but is not intended to be used as a high-speed interface.
SPRUED4
TMS320DM35x Digital Media System-on-Chip (DMSoC) Serial Peripheral Interface (SPI)
Reference Guide This document describes the serial peripheral interface (SPI) in the
TMS320DM35x Digital Media System-on-Chip (DMSoC). The SPI is a high-speed
synchronous serial input/output port that allows a serial bit stream of programmed length (1
to 16 bits) to be shifted into and out of the device at a programmed bit-transfer rate. The SPI
is normally used for communication between the DMSoC and external peripherals. Typical
applications include an interface to external I/O or peripheral expansion via devices such as
shift registers, display drivers, SPI EPROMs and analog-to-digital converters.
SPRUED9
TMS320DM35x Digital Media System-on-Chip (DMSoC) Universal Asynchronous
Receiver/Transmitter (UART) Reference Guide This document describes the universal
asynchronous receiver/transmitter (UART) peripheral in the TMS320DM35x Digital Media
System-on-Chip (DMSoC). The UART peripheral performs serial-to-parallel conversion on
data received from a peripheral device, and parallel-to-serial conversion on data received
from the CPU.
SPRUEE0
TMS320DM35x Digital Media System-on-Chip (DMSoC) Inter-Integrated Circuit (I2C)
Peripheral Reference Guide This document describes the inter-integrated circuit (I2C)
peripheral in the TMS320DM35x Digital Media System-on-Chip (DMSoC). The I2C peripheral
provides an interface between the DMSoC and other devices compliant with the I2C-bus
specification and connected by way of an I2C-bus. External components attached to this
2-wire serial bus can transmit and receive up to 8-bit wide data to and from the DMSoC
through the I2C peripheral. This document assumes the reader is familiar with the I2C-bus
specification.
SPRUEE2
TMS320DM35x Digital Media System-on-Chip (DMSoC) Multimedia Card (MMC)/Secure
Digital (SD) Card Controller Reference Guide This document describes the multimedia
card (MMC)/secure digital (SD) card controller in the TMS320DM35x Digital Media
System-on-Chip (DMSoC). The MMC/SD card is used in a number of applications to provide
removable data storage. The MMC/SD controller provides an interface to external MMC and
SD cards. The communication between the MMC/SD controller and MMC/SD card(s) is
performed by the MMC/SD protocol.
SPRUEE4
TMS320DM35x Digital Media System-on-Chip (DMSoC) Enhanced Direct Memory
Access (EDMA) Controller Reference Guide This document describes the operation of the
enhanced direct memory access (EDMA3) controller in the TMS320DM35x Digital Media
System-on-Chip
(DMSoC).
The
EDMA
controller's
primary
purpose
is
to
service
user-programmed data transfers between two memory-mapped slave endpoints on the
DMSoC.
SPRUEE5
TMS320DM35x Digital Media System-on-Chip (DMSoC) 64-bit Timer Reference Guide
This document describes the operation of the software-programmable 64-bit timers in the
TMS320DM35x Digital Media System-on-Chip (DMSoC). Timer 0, Timer 1, and Timer 3 are
used as general-purpose (GP) timers and can be programmed in 64-bit mode, dual 32-bit
unchained mode, or dual 32-bit chained mode; Timer 2 is used only as a watchdog timer.
The GP timer modes can be used to generate periodic interrupts or enhanced direct memory
access (EDMA) synchronization events and Real Time Output (RTO) events (Timer 3 only).
The watchdog timer mode is used to provide a recovery mechanism for the device in the
event of a fault condition, such as a non-exiting code loop.
SPRUEE6
TMS320DM35x Digital Media System-on-Chip (DMSoC) General-Purpose Input/Output
(GPIO) Reference Guide This document describes the general-purpose input/output (GPIO)
Copyright © 2007–2010, Texas Instruments Incorporated
Device Overview
59
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More