Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320DM355CZCEA13 Fiches technique(PDF) 66 Page - Texas Instruments

No de pièce TMS320DM355CZCEA13
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355CZCEA13 Fiches technique(HTML) 66 Page - Texas Instruments

Back Button TMS320DM355CZCEA13 Datasheet HTML 62Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 63Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 64Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 65Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 66Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 67Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 68Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 69Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 163 page
background image
TMS320DM355
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
Table 3-1. AINTC Interrupt Connections (1) (continued)
Interrupt
Acronym
Source
Interrupt
Acronym
Source
Number
Number
3
VPSSINT3
VPSS - INT3
35
TINT3
Timer 1 - TINT34
4
VPSSINT4
VPSS - INT4
36
PWMINT0
PWM0
5
VPSSINT5
VPSS - INT5
37
PWMINT1
PWM 1
6
VPSSINT6
VPSS - INT6
38
PWMINT2
PWM2
7
VPSSINT7
VPSS - INT7
39
I2CINT
I2C
8
VPSSINT8
VPSS - INT8
40
UARTINT0
UART0
9
Reserved
41
UARTINT1
UART1
10
Reserved
42
SPINT0-0
SPI0
11
Reserved
43
SPINT0-1
SPI0
12
USBINT
USB OTG Collector
44
GPIO0
GPIO
13
RTOINT or
RTO or
45
GPIO1
GPIO
TINT4
Timer 2 - TINT12
SYS.ARM_INTMUX
14
UARTINT2 or
UART2 or
46
GPIO2
GPIO
TINT5
Timer 2 - TINT34
15
TINT6
Timer 3 TINT12
47
GPIO3
GPIO
16
CCINT0
EDMA CC Region 0
48
GPIO4
GPIO
17
SPINT1-0 or
SPI1 or
49
GPIO5
GPIO
CCERRINT
EDMA CC Error
18
SPINT1-1 or
SPI1 or
50
GPIO6
GPIO
TCERRINT0
EDMA TC0 Error
19
SPINT2-0 or
SPI2 or
51
GPIO7
GPIO
TCERRINT1
EDMA TC1 Error
20
PSCINT
PSC - ALLINT
52
GPIO8
GPIO
21
SPINT2-1
SPI2
53
GPIO9
GPIO
22
TINT7
Timer3 - TINT34
54
GPIOBNK0
GPIO
23
SDIOINT0
MMC/SD0
55
GPIOBNK1
GPIO
24
MBXINT0 or
ASP0 or
56
GPIOBNK2
GPIO
MBXINT1
ASP1
25
MBRINT0 or
ASP0 or
57
GPIOBNK3
GPIO
MBRINT1
ASP1
26
MMCINT0
MMC/SD0
58
GPIOBNK4
GPIO
27
MMCINT1
MMC/SC1
59
GPIOBNK5
GPIO
28
PWMINT3
PWM3
60
GPIOBNK6
GPIO
29
DDRINT
DDR EMIF
61
COMMTX
ARMSS
30
AEMIFINT
Async EMIF
62
COMMRX
ARMSS
31
SDIOINT1
SDIO1
63
EMUINT
E2ICE
66
Detailed Device Description
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More