Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM385 Fiches technique(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
No de pièce DM385
Description  DaVinci Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Fiches technique(HTML) 86 Page - Texas Instruments

Back Button DM385 Datasheet HTML 82Page - Texas Instruments DM385 Datasheet HTML 83Page - Texas Instruments DM385 Datasheet HTML 84Page - Texas Instruments DM385 Datasheet HTML 85Page - Texas Instruments DM385 Datasheet HTML 86Page - Texas Instruments DM385 Datasheet HTML 87Page - Texas Instruments DM385 Datasheet HTML 88Page - Texas Instruments DM385 Datasheet HTML 89Page - Texas Instruments DM385 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 281 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
3.3.16 Reserved Pins
Table 3-34. Reserved Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
RSV0
Reserved. Leave unconnected, do not connect to power
J25
or ground.
RSV1
Reserved. Leave unconnected, do not connect to power
H27
or ground.
RSV2
Reserved. Leave unconnected, do not connect to power
H24
or ground.
RSV27
Reserved. Leave unconnected, do not connect to power
L30
or ground.
RSV28
Reserved. Leave unconnected, do not connect to power
M30
or ground.
RSV29
Reserved. Leave unconnected, do not connect to power
N30
or ground.
RSV3
Reserved. Leave unconnected, do not connect to power
H28
or ground.
RSV30
Reserved. Leave unconnected, do not connect to power
N31
or ground.
RSV31
Reserved. Leave unconnected, do not connect to power
P31
or ground.
RSV32
Reserved. Leave unconnected, do not connect to power
R30
or ground.
RSV33
Reserved. Leave unconnected, do not connect to power
T30
or ground.
RSV34
Reserved. Leave unconnected, do not connect to power
AH24
or ground.
RSV35
Reserved. Leave unconnected, do not connect to power
AJ24
or ground.
RSV39
Reserved. Leave unconnected, do not connect to power
H25
or ground.
RSV4
Reserved. Leave unconnected, do not connect to power
PWR
G17
or ground.
RSV40
Reserved. Leave unconnected, do not connect to power
H29
or ground.
RSV41
Reserved. Leave unconnected, do not connect to power
AD8
or ground.
RSV42
Reserved. Leave unconnected, do not connect to power
O
AK21
or ground.
RSV43
Reserved. Leave unconnected, do not connect to power
P30
or ground.
RSV5
Reserved. Leave unconnected, do not connect to power
PWR
G16
or ground.
RSV54
For proper device operation, this pin must always be
PWR
M28
connected to a 1.8-V Power Supply.
RSV55
For proper device operation, this pin must always be
PWR
N27
connected to a 1.8-V Power Supply.
86
Device Pins
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More