Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM385 Fiches technique(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
No de pièce DM385
Description  DaVinci Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Fiches technique(HTML) 38 Page - Texas Instruments

Back Button DM385 Datasheet HTML 34Page - Texas Instruments DM385 Datasheet HTML 35Page - Texas Instruments DM385 Datasheet HTML 36Page - Texas Instruments DM385 Datasheet HTML 37Page - Texas Instruments DM385 Datasheet HTML 38Page - Texas Instruments DM385 Datasheet HTML 39Page - Texas Instruments DM385 Datasheet HTML 40Page - Texas Instruments DM385 Datasheet HTML 41Page - Texas Instruments DM385 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 281 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
Table 3-11. Ball Characteristics (AAR Package) (continued)
BALL
PINCNTL
PINCNTL
BALL
MODE
RESET
BUFFER
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
REGISTER NAME
DEFAULT
TYPE [7] DSIS [8]
RESET
POWER [11]
HYS [12]
[6]
REL.
TYPE [13]
AND ADDRESS[4]
VALUE[5]
STATE [9]
STATE [10]
AK15
DDR[0]_DQS[1]
DDR[0]_DQS[1]
NA /
NA
0x01
I/O
NA
H
1
DVDD_DDR[0]
NA
AL15
DDR[0]_DQS[1]
DDR[0]_DQS[1]
NA /
NA
0x01
I/O
NA
L
0
DVDD_DDR[0]
NA
AL17
DDR[0]_DQS[2]
DDR[0]_DQS[2]
NA /
NA
0x01
I/O
NA
L
0
DVDD_DDR[0]
NA
AK17
DDR[0]_DQS[2]
DDR[0]_DQS[2]
NA /
NA
0x01
I/O
NA
H
1
DVDD_DDR[0]
NA
AK20
DDR[0]_DQS[3]
DDR[0]_DQS[3]
NA /
NA
0x01
I/O
NA
H
1
DVDD_DDR[0]
NA
AL20
DDR[0]_DQS[3]
DDR[0]_DQS[3]
NA /
NA
0x01
I/O
NA
L
0
DVDD_DDR[0]
NA
AL21
DDR[0]_ODT[0]
DDR[0]_ODT[0]
NA /
NA
0x01
O
NA
L
0
DVDD_DDR[0]
NA
AJ25
DDR[0]_RAS
DDR[0]_RAS
NA /
NA
0x01
O
NA
H
1
DVDD_DDR[0]
NA
AA20
DDR[0]_RST
DDR[0]_RST
NA /
NA
0x01
O
NA
L
0
DVDD_DDR[0]
NA
AL30
DDR[0]_VTP
DDR[0]_VTP
NA /
NA
0x01
I
NA
NA
NA
DVDD_DDR[0]
NA
AL26
DDR[0]_WE
DDR[0]_WE
NA /
NA
0x01
O
NA
H
1
DVDD_DDR[0]
NA
F30
DEVOSC_MXI
DEV_CLKIN
NA /
NA
0x01
I
NA
NA
NA
VDDS_OSC0_1P8
NA
DEVOSC_MXI
0x01
I
NA
G31
DEVOSC_MXO
DEVOSC_MXO
NA /
NA
0x01
O
NA
NA
NA
VDDS_OSC0_1P8
NA
U28
DEVOSC_WAKE
DEVOSC_WAKE
PINCNTL7 /
0x000E 0000
0x01
I
1
H
H
DVDD_SD
0x4814 0818
SPI[1]_SCS[1]
0x02
I/O
1
TIM5_IO
0x40
I/O
PIN
GP1[7]
0x80
I/O
PIN
D16, E17, F16, L5,
DVDD
DVDD
NA /
NA
NA
PWR
NA
NA
NA
NA
M4, M6, M7, N10,
NA
N11, T26, T28, U27
D12, E13, F12,
DVDD_C
DVDD_C
NA /
NA
NA
PWR
NA
NA
NA
NA
G12, G13
NA
AB14, AB15, AB17, DVDD_DDR[0]
DVDD_DDR[0]
NA /
NA
NA
PWR
NA
NA
NA
NA
AB18, AC15, AC17,
NA
AC18, AE15, AE16,
AF16, AG15, AH16
R5, R7, T4, T6, T7
DVDD_GPMC
DVDD_GPMC
NA /
NA
NA
PWR
NA
NA
NA
NA
NA
W5, W7, Y4, Y6, Y7 DVDD_RGMII
DVDD_RGMII
NA /
NA
NA
PWR
NA
NA
NA
NA
NA
T25, U25
DVDD_SD
DVDD_SD
NA /
NA
NA
PWR
NA
NA
NA
NA
NA
38
Device Pins
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More