Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM385 Fiches technique(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
No de pièce DM385
Description  DaVinci Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Fiches technique(HTML) 76 Page - Texas Instruments

Back Button DM385 Datasheet HTML 72Page - Texas Instruments DM385 Datasheet HTML 73Page - Texas Instruments DM385 Datasheet HTML 74Page - Texas Instruments DM385 Datasheet HTML 75Page - Texas Instruments DM385 Datasheet HTML 76Page - Texas Instruments DM385 Datasheet HTML 77Page - Texas Instruments DM385 Datasheet HTML 78Page - Texas Instruments DM385 Datasheet HTML 79Page - Texas Instruments DM385 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 281 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
3.3.9
General-Purpose Input/Outputs (GPIOs)
3.3.9.1
GP0
Table 3-21. GP0 Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
GP0[0]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
Y29
GP0[1]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
AB30
GP0[2]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
AA29
GP0[3]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
AA28
GP0[4]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
AA26
GP0[5]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
Y31
GP0[6]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
Y30
GP0[7]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
K23
GP0[8]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
AF27
GP0[9]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
AG30
GP0[10]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
K11
GP0[11]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
E12
GP0[12]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
AB31, K10
GP0[13]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
AC30, D7
GP0[14]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
F9
GP0[15]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
C7
GP0[16]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
A6
GP0[17]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
A5
GP0[18]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
B5
GP0[19]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
C5
GP0[20]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
B4
GP0[21]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
A3
GP0[22]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
A2
GP0[23]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
B2
GP0[24]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
C1
GP0[25]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
C2
GP0[26]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
D5
GP0[27]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
H9
GP0[28]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
J10
3.3.9.2
GP1
Table 3-22. GP1 Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
GP1[0]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
M21
GP1[1]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
L22
GP1[2]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
E31
GP1[3]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
E29
GP1[4]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
E30
GP1[5]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
N26
GP1[6]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
G28
GP1[7]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
U28
GP1[8]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
AG6
GP1[9]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
H12
76
Device Pins
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More