Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TUSB3410 Fiches technique(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
No de pièce TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Fiches technique(HTML) 86 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 82Page - Texas Instruments TUSB3410 Datasheet HTML 83Page - Texas Instruments TUSB3410 Datasheet HTML 84Page - Texas Instruments TUSB3410 Datasheet HTML 85Page - Texas Instruments TUSB3410 Datasheet HTML 86Page - Texas Instruments TUSB3410 Datasheet HTML 87Page - Texas Instruments TUSB3410 Datasheet HTML 88Page - Texas Instruments TUSB3410 Datasheet HTML 89Page - Texas Instruments TUSB3410 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 92 page
background image
11–16
11.9.2 Hardware Reset Introduced by the Firmware
This feature can be used in firmware upgrade. Once the upgrade is done, the application firmware disconnects from
the USB for at least 200 ms to ensure OS has unloaded the device driver. The firmware then enables the watchdog
timer (enabled by default after power-on reset) and enters an endless loop without resetting the watchdog timer. Once
the watchdog timer times out, it resets the chip as if the chip gets the power-on reset. The bootcode takes over control
and starts the power-on sequence again.
11.10 File Listings
The bootload code can be obtained from the TI website under SLLS519.code.zip. The list shown below are the names
of the files that can be downloaded.
•
Types.h
•
USB.h
•
TUSB3410.h
•
Bootcode.h
•
Watchdog.h
•
Bootcode.c
•
Bootlsr.c
•
BootUSB.c
•
Header.h
•
Header.c
•
I2c.h
•
I2c.c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92