| Moteur de recherche de fiches techniques de composants électroniques |
|
TUSB3410 Fiches technique(PDF) 75 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TUSB3410 Fiches technique(HTML) 75 Page - Texas Instruments |
|
75 / 92 page ![]() 11–5 11.3.5 String Descriptor The string descriptor contains string in the unicode format. It is used to show the manufacturers name, product model, and serial number in human readable format. The bootcode supports three strings. The first string is the manufacturers name, the second string is the product name, and the last string is the serial number. Table 11–5 lists the string descriptor. Table 11–5. String Descriptor OFFSET FIELD SIZE VALUE DESCRIPTION 0 bLength 1 4 Size of string 0 descriptor in bytes 1 bDescriptorType 1 0x03 String descriptor type 2 wLANGID[0] 2 0x0409 English 4 bLength 1 36 Size of string 1 descriptor in bytes 5 bDescriptorType 1 0x03 String descriptor type 6 bString 2 ‘T’,0x00 Unicode, T is the first byte 8 2 ‘e’,0x00 Texas Instruments 10 2 ‘x’,0x00 12 2 ‘a’,0x00 14 2 ‘s’,0x00 16 2 ‘ ’,0x00 18 2 ‘I’,0x00 20 2 ‘n’,0x00 22 2 ‘s’,0x00 24 2 ‘t’,0x00 26 2 ‘r’,0x00 28 2 ‘u’,0x00 30 2 ‘m’,0x00 32 2 ‘e’,0x00 34 2 ‘n’,0x00 36 2 ‘t’,0x00 38 2 ‘s’,0x00 40 bLength 1 42 Size of string 2 descriptor in bytes 41 bDescriptorType 1 0x03 STRING descriptor type 42 bString 2 ‘T’,0x00 UNICODE, T is first byte 44 2 ‘U’,0x00 TUSB3410 boot device 46 2 ‘S’,0x00 48 2 ‘B’,0x00 50 2 ‘3’,0x00 52 2 ‘4’,0x00 54 2 ‘1’,0x00 56 2 ‘0’,0x00 58 2 ‘ ‘,0x00 60 2 ‘B‘,0x00 62 2 ‘o’,0x00 64 2 ‘o’,0x00 66 2 ‘t’,0x00 68 2 ‘ ’,0x00 70 2 ‘D’,0x00 |