Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TUSB3410 Fiches technique(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
No de pièce TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Fiches technique(HTML) 55 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 51Page - Texas Instruments TUSB3410 Datasheet HTML 52Page - Texas Instruments TUSB3410 Datasheet HTML 53Page - Texas Instruments TUSB3410 Datasheet HTML 54Page - Texas Instruments TUSB3410 Datasheet HTML 55Page - Texas Instruments TUSB3410 Datasheet HTML 56Page - Texas Instruments TUSB3410 Datasheet HTML 57Page - Texas Instruments TUSB3410 Datasheet HTML 58Page - Texas Instruments TUSB3410 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 92 page
background image
7–9
Table 7–4. DLL/DLH Values and Resulted Baud Rates
DESIRED BAUD
DLL/DLH VALUE
ACTUAL BAUD
ERROR %
DESIRED BAUD
DEC.
HEX.
ACTUAL BAUD
ERROR %
1 200
769
0301
1 200.36
0.03
2 400
385
0181
2 397.60
0.01
4 800
192
00C0
4 807.69
0.16
7 200
128
0080
7 211.54
0.16
9 600
96
0060
9 615.38
0.16
14 400
64
0040
14 423.08
0.16
19 200
48
0030
19 230.77
0.16
38 400
24
0018
38 461.54
0.16
57 600
16
0010
57 692.31
0.16
115 200
8
0008
115 384.62
0.16
230 400
4
0004
230 769.23
0.16
460 800
2
0002
461 538.46
0.16
921 600
1
0001
923 076.92
0.16
NOTE: The TUSB3410 does support baud rates lower than 1200 bps, which are not
listed due to less interest.
7.1.12 XON: Xon Register (Addr:FFA9)
This register contains a value that is compared to the received data stream. Detection of a match interrupts the MCU
(only if the interrupt enable bit is set). This value is also used for Xon transmission.
765
4
3
2
1
0
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7–0
D[7:0]
0000
Xon value to be compared to the incoming data stream
7.1.13 XOFF: Xoff Register (Addr:FFAA)
This register contains a value that is compared to the received data stream. Detection of a match halts the DMA
transfer, and interrupts the MCU (only if the interrupt enable bit is set). This value is also used for Xoff transmission.
765
4
3
2
1
0
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7–0
D[7:0]
0000
Xoff value to be compared to the incoming data stream



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92