| Moteur de recherche de fiches techniques de composants électroniques |
|
PCI9060ES Fiches technique(PDF) 133 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PCI9060ES Fiches technique(HTML) 133 Page - List of Unclassifed Manufacturers |
|
133 / 192 page ![]() SECTION 8 PCI 9080 TIMING DIAGRAMS ©PLX Technology, Inc., 1997 Page 124 Version 1.02 CMD BE ADDR AA LBE RETRY A CMD CMD BE WRITE IS NOT ALLOWED DURING DELAYED READ RETRY Delayed Read Retries D0 D1 D2 D3 D4 D5 D6 D7 D8 READS DATA +4 +8 +C +10 +14 +18 +1C D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 D13 D14 D15 +20 +24 +28 +2C +30 +34 +38 +3C ADDR CMD D0 BE WRITE RETRIES AND COMPLETES 0ns 250ns 500ns 750ns 1000ns CLK FRAME# AD[31:0] C/BE[3:0]# IRDY# DEVSEL# TRDY# PERR# STOP# LCLK LHOLD LHOLDA ADS# BLAST# LA[31:0] LAD[31:0] LBE[3:0]# READYi# LW/R# Disconnect immediately for a read. Don’t effect pending reads when a write cycle occurs. Don’t flush the read FIFO if the PCI read cycle completes. Force Retry on write if read pending. Negate TRDY# until space is available in the direct slave write FIFO. Timing Diagram 8-20. (C Mode) Direct Slave Read 2.1 Spec |