Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCM4354 Fiches technique(PDF) 91 Page - Cypress Semiconductor

No de pièce BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Fiches technique(HTML) 91 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 87Page - Cypress Semiconductor BCM4354 Datasheet HTML 88Page - Cypress Semiconductor BCM4354 Datasheet HTML 89Page - Cypress Semiconductor BCM4354 Datasheet HTML 90Page - Cypress Semiconductor BCM4354 Datasheet HTML 91Page - Cypress Semiconductor BCM4354 Datasheet HTML 92Page - Cypress Semiconductor BCM4354 Datasheet HTML 93Page - Cypress Semiconductor BCM4354 Datasheet HTML 94Page - Cypress Semiconductor BCM4354 Datasheet HTML 95Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 192 page
background image
Pin Lists
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 90
RF_SW_CTRL_0
R7
RF_SW_CTRL_1
N8
RF_SW_CTRL_10
M12
RF_SW_CTRL_11
L9
RF_SW_CTRL_12
J9
RF_SW_CTRL_13
K10
RF_SW_CTRL_14
M10
RF_SW_CTRL_15
L8
RF_SW_CTRL_2
P9
RF_SW_CTRL_3
N7
RF_SW_CTRL_4
N5
RF_SW_CTRL_5
P7
RF_SW_CTRL_6
P5
RF_SW_CTRL_7
M8
RF_SW_CTRL_8
K12
RF_SW_CTRL_9
J11
RREFHSIC
D7
SDIO_CLK
A8
SDIO_CMD
A9
SDIO_DATA_0
B9
SDIO_DATA_1
C9
SDIO_DATA_2
B8
SDIO_DATA_3
C8
SR_PVSS
A12
SR_VDDBATA5V
B11
SR_VDDBATP5V
B12
SR_VLX
A11
VDD/VDDC
B7
VDD/VDDC
D4
BT_VDD/VDDC
E4
VDD/VDDC
E9
VDD/VDDC
G10
BT_VDD/VDDC
H3
VDD/VDDC
J12
VDD/VDDC
J8
VDD/VDDC
L10
BT_VDD/VDDC
M5
VDD/VDDC
M7
VDDIO
E10
VDDIO_RF
H11
Pin Name
WLBGA
Ball#
VDDIO_SD
E8
VOUT_3P3
F12
VOUT_BTLDO2P5
D12
VOUT_CLDO
C11
VOUT_LDO3P3_B
E11
VOUT_LNLDO
D11
VSSC/VSS
C10
VSSC/VSS
D3
VSSC/VSS
D6
VSSC/VSS
G12
VSSC/VSS
G4
VSSC/VSS
G8
VSSC/VSS
L11
VSSC/VSS
L7
VSSC/VSS
M4
WL_REG_ON
A10
WRF_AFE_GND1P2_CORE0
P4
WRF_AFE_GND1P2_CORE1
R8
WRF_BUCK_GND1P5_CORE0
V4
WRF_BUCK_GND1P5_CORE1
R12
WRF_BUCK_VDD1P5_CORE0
U4
WRF_BUCK_VDD1P5_CORE1
R11
WRF_CP_GND1P2
V5
WRF_GPIO_OUT_CORE0
R4
WRF_GPIO_OUT_CORE1
R9
WRF_LNA_2G_GND1P2_CORE0
N2
WRF_LNA_2G_GND1P2_CORE1
U7
WRF_LNA_5G_GND1P2_CORE0
V2
WRF_LNA_5G_GND1P2_CORE1
U12
WRF_LOGEN_GND1P2
R6
WRF_LOGENG_GND1P2
R5
WRF_MMD_GND1P2
T6
WRF_MMD_VDD1P2
T5
WRF_PA2G_VBAT_GND3P3_CORE0
P2
WRF_PA2G_VBAT_GND3P3_CORE0
R2
WRF_PA2G_VBAT_GND3P3_CORE1
U8
WRF_PA2G_VBAT_GND3P3_CORE1
U9
WRF_PA2G_VBAT_VDD3P3_CORE0
R1
WRF_PA2G_VBAT_VDD3P3_CORE1
V9
WRF_PA5G_VBAT_GND3P3_CORE0
T2
Pin Name
WLBGA
Ball#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More