Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCM4354 Fiches technique(PDF) 87 Page - Cypress Semiconductor

No de pièce BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Fiches technique(HTML) 87 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 83Page - Cypress Semiconductor BCM4354 Datasheet HTML 84Page - Cypress Semiconductor BCM4354 Datasheet HTML 85Page - Cypress Semiconductor BCM4354 Datasheet HTML 86Page - Cypress Semiconductor BCM4354 Datasheet HTML 87Page - Cypress Semiconductor BCM4354 Datasheet HTML 88Page - Cypress Semiconductor BCM4354 Datasheet HTML 89Page - Cypress Semiconductor BCM4354 Datasheet HTML 90Page - Cypress Semiconductor BCM4354 Datasheet HTML 91Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 192 page
background image
Pin Lists
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 86
Pin Lists
Table 18: Pin List by Pin Number (192-Pin WLBGA Package)
WLBGA
Ball#
Pin Name
A10
WL_REG_ON
A11
SR_VLX
A12
SR_PVSS
A2
PCIE_TDP0
A3
PCIE_TDN0
A4
PCIE_REFCLKP
A5
PCIE_REFCLKN
A6
HSIC_DATA
A7
HSIC_STROBE
A8
SDIO_CLK
A9
SDIO_CMD
B1
PCIE_RDN0
B10
PMU_AVSS
B11
SR_VDDBATA5V
B12
SR_VDDBATP5V
B2
PCIE_RXTX_AVDD1P2
B3
PCIE_PLL_AVDD1P2
B4
PCIE_RXTX_AVSS
B5
PCIE_PLL_AVSS
B6
HSIC_AGND12PLL
B7
VDD/VDDC
B8
SDIO_DATA_2
B9
SDIO_DATA_0
C1
PCIE_RDP0
C10
VSSC/VSS
C11
VOUT_CLDO
C12
LDO_VDD1P5
C2
PCIE_TESTN
C3
PCIE_TESTP
C4
PCIE_PERST_L
C5
PCIE_PME_L
C6
HSIC_DVDD12
C7
HSIC_AVDD12PLL
C8
SDIO_DATA_3
C9
SDIO_DATA_1
D10
BT_REG_ON
D11
VOUT_LNLDO
D12
VOUT_BTLDO2P5
D3
VSSC/VSS
D4
VDD/VDDC
D5
PCIE_CLKREQ_L
D6
VSSC/VSS
D7
RREFHSIC
D9
JTAG_SEL
E1
FM_AOUT1
E10
VDDIO
E11
VOUT_LDO3P3_B
E12
LDO_VDDBAT5V
E2
FM_AUDIOVDD1P2
E4
BT_VDD/VDDC
E5
BT_USB_DN
E6
GPIO_9
E7
GPIO_7
E8
VDDIO_SD
E9
VDD/VDDC
F1
FM_AOUT2
F10
GPIO_1
F11
GPIO_2
F12
VOUT_3P3
F2
FM_AUDIOVSS
F3
FM_PLLVDD1P2
F4
CLK_REQ
F5
BT_USB_DP
F6
LPO_IN
F7
GPIO_8
F8
GPIO_6
F9
GPIO_5
G1
FM_LNAVCOVDD1P2
G10
VDD/VDDC
G11
GPIO_0
G12
VSSC/VSS
G2
FM_VCOVSS
WLBGA
Ball#
Pin Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More