Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCM4354 Fiches technique(PDF) 90 Page - Cypress Semiconductor

No de pièce BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Fiches technique(HTML) 90 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 86Page - Cypress Semiconductor BCM4354 Datasheet HTML 87Page - Cypress Semiconductor BCM4354 Datasheet HTML 88Page - Cypress Semiconductor BCM4354 Datasheet HTML 89Page - Cypress Semiconductor BCM4354 Datasheet HTML 90Page - Cypress Semiconductor BCM4354 Datasheet HTML 91Page - Cypress Semiconductor BCM4354 Datasheet HTML 92Page - Cypress Semiconductor BCM4354 Datasheet HTML 93Page - Cypress Semiconductor BCM4354 Datasheet HTML 94Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 192 page
background image
Pin Lists
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 89
Table 19: Pin List by Pin Name (192-Pin WLBGA Package)
Pin Name
WLBGA
Ball#
AVDD_BBPLL
H7
AVSS_BBPLL
G7
BT_DEV_WAKE
L4
BT_GPIO_4
K4
BT_HOST_WAKE
J3
BT_I2S_CLK
J6
BT_I2S_DI
G5
BT_I2S_DO
G6
BT_I2S_WS
L6
BT_IFVDD1P2
K3
BT_IFVSS
M3
BT_LNAVDD1P2
K1
BT_PAVDD2P5
M1
BT_PAVSS
L2
BT_PCM_CLK
M6
BT_PCM_IN
J4
BT_PCM_OUT
H4
BT_PCM_SYNC
K6
BT_PLLVDD1P2
K2
BT_PLLVSS
L3
BT_REG_ON
D10
BT_RF
L1
BT_UART_CTS_L
L5
BT_UART_RTS_L
K5
BT_UART_RXD
H5
BT_UART_TXD
J5
BT_USB_DN
E5
BT_USB_DP
F5
BT_VCOVDD1P2
J1
BT_VCOVSS
J2
BT_VDDIO
K7
CLK_REQ
F4
FM_AOUT1
E1
FM_AOUT2
F1
FM_AUDIOVDD1P2
E2
FM_AUDIOVSS
F2
FM_LNAVCOVDD1P2
G1
FM_LNAVSS
H2
FM_PLLVDD1P2
F3
FM_PLLVSS
G3
FM_RFIN
H1
FM_VCOVSS
G2
GPIO_0
G11
GPIO_1
F10
GPIO_10
H12
GPIO_2
F11
GPIO_3
G9
GPIO_4
H9
GPIO_5
F9
GPIO_6
F8
GPIO_7
E7
GPIO_8
F7
GPIO_9
E6
HSIC_AGND12PLL
B6
HSIC_AVDD12PLL
C7
HSIC_DATA
A6
HSIC_DVDD12
C6
HSIC_STROBE
A7
JTAG_SEL
D9
LDO_VDD1P5
C12
LDO_VDDBAT5V
E12
LPO_IN
F6
PCIE_PME_L
C5
PCIE_CLKREQ_L
D5
PCIE_PERST_L
C4
PCIE_PLL_AVDD1P2
B3
PCIE_PLL_AVSS
B5
PCIE_RDN0
B1
PCIE_RDP0
C1
PCIE_REFCLKN
A5
PCIE_REFCLKP
A4
PCIE_RXTX_AVDD1P2
B2
PCIE_RXTX_AVSS
B4
PCIE_TDN0
A3
PCIE_TDP0
A2
PCIE_TESTN
C2
PCIE_TESTP
C3
PMU_AVSS
B10
Pin Name
WLBGA
Ball#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More