Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CLC449 Fiches technique(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce CLC449
Description  1.1GHz Ultra-Wideband Monolithic Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC449 Fiches technique(HTML) 6 Page - National Semiconductor (TI)

Back Button CLC449 Datasheet HTML 2Page - National Semiconductor (TI) CLC449 Datasheet HTML 3Page - National Semiconductor (TI) CLC449 Datasheet HTML 4Page - National Semiconductor (TI) CLC449 Datasheet HTML 5Page - National Semiconductor (TI) CLC449 Datasheet HTML 6Page - National Semiconductor (TI) CLC449 Datasheet HTML 7Page - National Semiconductor (TI) CLC449 Datasheet HTML 8Page - National Semiconductor (TI) CLC449 Datasheet HTML 9Page - National Semiconductor (TI) CLC449 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
http://www.national.com
6
Figure 5: DC Offset Model
DC Design (Output Loading)
RL, Rf, and Rg load the op amp output. The equivalent
closed-loop load impedance seen by the output in Figure
5 is:
• RL_eq = RL || (Rf + Req2), non-inverting gain
• RL_eq = RL || Rf, inverting gain
RL_eq
needs to be kept large enough so that the
minimum available output current can produce the
required output voltage swing.
Capacitive Loads
Capacitive loads, such as found in A/D converters,
require a series resistor (Rs) in the output to improve set-
tling performance. The
Rs and Settling Time vs. CL plot
in the
Typical Performance Characteristics section
provides the information for selecting this resistor.
Also, use a series resistor to reduce the effects of
reactive loads on amplifier loop dynamics. For instance,
driving coaxial cables without an output series resistor
may cause peaking or oscillation.
Transmission Line Matching
One method for matching the characteristic impedance of
a transmission line is to place the appropriate resistor at
the input or output of the amplifier. Figure 6 shows the
typical circuit configurations for matching transmission
lines.
Figure 6: Transmission Line Matching
In non-inverting gain applications, Rg is connected directly
to ground.
The resistors R1, R2, R6, and R7
are equal to the characteristic impedance, Zo, of the
transmission line or cable.
In inverting gain applications, R3 is connected directly to
ground.
The resistors R4, R6, and R7 are equal
to Zo. The parallel combination of R5 and Rg is also equal
to Zo.
The input and output matching resistors attenuate the
signal by a factor of 2, therefore additional gain is needed.
Matching the output transmission line over greater
frequency ranges is accomplished by placing C6 in
parallel with R6, reducing the output impedance to
compensate for the internal increase of the op-amp’s out-
put impedance with frequency.
Thermal Design
To calculate the power dissipation for the CLC449,
follow these steps:
• Calculate the no-load op amp power:
Pamp = Icc • (Vcc – Vee)
• Calculate the output stage’s RMS power:
Po = (Vcc – Vload) • Iload
where Vload and Iload are the RMS voltage and
current across the external load.
• Calculate the total op amp RMS power:
Pt = Pamp + Po
To calculate the maximum allowable ambient tempera-
ture, solve the following equation: Tamb = 175 – Pt • θJA,
where
θJA is the thermal resistance from junction to
ambient in °C/W and Tamb is in °C. Thermal resistance
for the various packages are found in the
Package
Thermal Resistance section.
Dynamic Range (Input /Output Protection)
Input ESD diodes are present on all connected pins for
protection from static voltage damage. For a signal that
may exceed the supply voltages, we recommend using
diode clamps at the amplifier’s input to limit the signals to
less than the supply voltages.
Dynamic Range (Input /Output Levels)
The
Electrical Characteristics section contains the
Common-Mode Input Range and Output Voltage
Range; these voltage ranges scale with the supplies.
Output Current is also specified in the
Electrical
Characteristics section.
Unity gain applications are limited by the Common-Mode
Input Range. At greater non-inverting gains, the Output
Voltage Range becomes the limiting factor. Inverting gain
applications are limited by the Output Voltage Range.
For transimpedance or inverting gain applications, the
current (Iinv) injected at the inverting input pin of the op
amp needs to be:
where Vmax is the Output Voltage Range.
The voltage ranges discussed above are achieved as
long as the equivalent output load is large enough so that
the output current can produce the required output
voltage swing. See the
DC Design (Output Loading)
sub-section for details.
Dynamic Range (Intermods)
For RF applications, the CLC449 specifies a third
order intercept of 30dBm at 70MHz and Po = 10dBm.
Req1
Rf
+
-
Req2
CLC449
IBI
IBN
Vos
Vo
RL
+
-
+
-
CLC449
R3
Z0
R6
Vo
Z0
R1
R2
+
-
Rg
Z0
R4
R5
V1
V2 +-
Rf
C6
R7
|I
|
V
R
inv
max
f
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com