Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CLC449 Fiches technique(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce CLC449
Description  1.1GHz Ultra-Wideband Monolithic Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC449 Fiches technique(HTML) 3 Page - National Semiconductor (TI)

  CLC449 Datasheet HTML 1Page - National Semiconductor (TI) CLC449 Datasheet HTML 2Page - National Semiconductor (TI) CLC449 Datasheet HTML 3Page - National Semiconductor (TI) CLC449 Datasheet HTML 4Page - National Semiconductor (TI) CLC449 Datasheet HTML 5Page - National Semiconductor (TI) CLC449 Datasheet HTML 6Page - National Semiconductor (TI) CLC449 Datasheet HTML 7Page - National Semiconductor (TI) CLC449 Datasheet HTML 8Page - National Semiconductor (TI) CLC449 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
http://www.national.com
10k
100k
1M
10M
100M
Frequency (Hz)
Time (1ns/div)
Time (1ns/div)
PSRR
Po = 10dBm
100M
0.1M
1M
10M
0.1k
1k
10k
100k
1M
10M
100M
0.1M
1M
10M
100M
180
160
CLC449 Typical Performance Characteristics (T
A = 25°C, Vcc = + 5V, Rf = 250Ω,Av = +2, RL = 100Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com