Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CLC449 Fiches technique(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce CLC449
Description  1.1GHz Ultra-Wideband Monolithic Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC449 Fiches technique(HTML) 4 Page - National Semiconductor (TI)

  CLC449 Datasheet HTML 1Page - National Semiconductor (TI) CLC449 Datasheet HTML 2Page - National Semiconductor (TI) CLC449 Datasheet HTML 3Page - National Semiconductor (TI) CLC449 Datasheet HTML 4Page - National Semiconductor (TI) CLC449 Datasheet HTML 5Page - National Semiconductor (TI) CLC449 Datasheet HTML 6Page - National Semiconductor (TI) CLC449 Datasheet HTML 7Page - National Semiconductor (TI) CLC449 Datasheet HTML 8Page - National Semiconductor (TI) CLC449 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
http://www.national.com
4
CLC449 Typical Performance Characteristics (T
A = 25°C, Vcc = + 5V, Rf = 250Ω,Av = +2, RL = 100Ω)
CLC449 OPERATION
Frequency (Hz)
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
Input VSWR
Non-Inverting
Inverting
0
100M
200M
300M
400M
500M
Frequency (Hz)
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
Uncompensated
Compensated
0
100M
200M
300M
400M
500M
Frequency (Hz)
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
0
100M
200M
300M
400M
500M
Output VSWR
Reverse Isolation (S12)
Gain Compression
CLC449 Extended Application Information
The following design and application topics will supply
you with:
• A comprehensive set of design parameters and
design parameter adjustment techniques.
• A set of formulas that support design parameter
change prediction.
• A series of common applications that the CLC449
supports.
• A set of easy to use design guidelines for the
CLC449.
Additional design applications are possible with the
CLC449. If you have application questions, call 1-800-272-
9959 in the U.S. to contact a technical staff member.
DC Gain (Non-Inverting)
The non-inverting DC voltage gain for the configuration
shown in Figure 1 is:
Figure 1: Non-Inverting Gain
The normalized gain plots in the
Typical Performance
Characteristics section show different feedback resistors,
Rf, for different gains. These values of Rf are recom-
mended for obtaining the highest bandwidth with minimal
peaking. The resistor Rt in Figure 1 provides DC bias for
the non-inverting input.
For Av ≤ 5, calculate the recommended Rf as follows:
Rf ≅ 340 - Av • Ri, where Ri = 45Ω.For Av > 5, the
minimum recommended feedback resistor is Rf = 100Ω.
Select Rg to set the DC gain:
Accuracy of DC gain is usually limited by the tolerance of
the external resistors Rf and Rg.
DC Gain (Unity Gain Buffer)
Unity gain buffers are easily designed with a current-
feedback amplifier as long as the recommended feed-
back resistor Rf = 402Ω is used and Rg = ∞, i.e. open.
Parasitic capacitance at the inverting node may require a
slight increase of the feedback resistor Rf to maintain a
flat frequency response.
DC Gain (Inverting)
The inverting DC voltage gain for the configuration shown
in Figure 2 is:
A1
R
R
V
f
g
=+
+
-
CLC449
Rf
0.1
µF
6.8
µF
Vo
Vin
Vcc
Rg
Rt
3
2
4
7
6
0.1
µF
6.8
µF
Vee
R
R
A1
g
f
v
=
−
A
R
R
v
f
g
=−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com