Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RLZ Fiches technique(PDF) 1 Page - Nanjing International Group Co

No de pièce RLZ
Description  Silicon Epitaxial Planar Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DGNJDZ [Nanjing International Group Co]
Site Internet  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

RLZ Fiches technique(HTML) 1 Page - Nanjing International Group Co

  RLZ Datasheet HTML 1Page - Nanjing International Group Co RLZ Datasheet HTML 2Page - Nanjing International Group Co RLZ Datasheet HTML 3Page - Nanjing International Group Co RLZ Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RLZ Series
Silicon Epitaxial Planar Zener Diodes
Constant voltage control applications
Features
• Small surface mounting type
• High reliability
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Power Dissipation
Ptot
500
mW
Junction Temperature
Tj
175
O
C
Storage Temperature Range
Tstg
- 65 to + 175
O
C
Characteristics at Ta = 25 OC (VF = 1 V Max. at IF = 100 mA)
Zener Voltage
1)
Operating Resistance
Rising Operating Resistance
Reverse Current
VZ
at lZT
ZZT
at lZT
ZZK
at lZK
IR
at VR
Type
Min. (V)
Max. (V)
(mA)
Max. (Ω)
(mA)
Max. (Ω)
(mA)
Max. (µA)
(V)
RLZ2V2A
2.12
2.3
20
120
20
2000
1
120
0.7
RLZ2V2B
2.22
2.41
20
120
20
2000
1
120
0.7
RLZ2V4A
2.33
2.52
20
100
20
2000
1
120
1
RLZ2V4B
2.43
2.63
20
100
20
2000
1
120
1
RLZ2V7A
2.54
2.75
20
100
20
1000
1
100
1
RLZ2V7B
2.69
2.91
20
100
20
1000
1
100
1
RLZ3V0A
2.85
3.07
20
80
20
1000
1
50
1
RLZ3V0B
3.01
3.22
20
80
20
1000
1
50
1
RLZ3V3A
3.16
3.38
20
70
20
1000
1
20
1
RLZ3V3B
3.32
3.53
20
70
20
1000
1
20
1
RLZ3V6
3.4
3.8
20
60
20
1000
1
10
1
RLZ3V6A
3.455
3.695
20
60
20
1000
1
10
1
RLZ3V6B
3.6
3.845
20
60
20
1000
1
10
1
RLZ3V9
3.7
4.1
20
50
20
1000
1
5
1
RLZ3V9A
3.74
4.01
20
50
20
1000
1
5
1
RLZ3V9B
3.89
4.16
20
50
20
1000
1
5
1
RLZ4V3
4
4.5
20
40
20
1000
1
5
1
RLZ4V3A
4.04
4.29
20
40
20
1000
1
5
1
RLZ4V3B
4.17
4.43
20
40
20
1000
1
5
1
RLZ4V3C
4.3
4.57
20
40
20
1000
1
5
1
RLZ4V7
4.4
4.9
20
25
20
900
1
5
1
RLZ4V7A
4.44
4.68
20
25
20
900
1
5
1
RLZ4V7B
4.55
4.8
20
25
20
900
1
5
1
LL-34


Numéro de pièce similaire - RLZ

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
RLZ KEXIN-RLZ Datasheet
39Kb / 2P
Zener Diodes
logo
Rohm
RLZ10 ROHM-RLZ10 Datasheet
820Kb / 4P
500mW Zener Leadless Diode
RLZ10 ROHM-RLZ10 Datasheet
820Kb / 4P
300mW Zener Leadless Diode
logo
SEMTECH ELECTRONICS LTD...
RLZ10 SEMTECH_ELEC-RLZ10 Datasheet
299Kb / 5P
SILICON EPITAXIAL PLANAR ZENER DIODES
logo
Rohm
RLZ10 ROHM-RLZ10 Datasheet
219Kb / 4P
500 MW ZENER LEADLESS DIODE
More results

Description similaire - RLZ

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
ZM-PTZ10B SEMTECH-ZM-PTZ10B Datasheet
286Kb / 3P
SILICON EPITAXIAL PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
SILICON EPITAXIAL PLANAR ZENER DIODES
BZX55T2V4 SEMTECH_ELEC-BZX55T2V4 Datasheet
255Kb / 4P
SILICON EPITAXIAL PLANAR ZENER DIODES
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
BZT55C2V4 SEMTECH_ELEC-BZT55C2V4 Datasheet
312Kb / 5P
SILICON EPITAXIAL PLANAR ZENER DIODES
BZT-RLZ2V2A SEMTECH_ELEC-BZT-RLZ2V2A Datasheet
300Kb / 5P
SILICON EPITAXIAL PLANAR ZENER DIODES
2V2BC SEMTECH_ELEC-2V2BC Datasheet
306Kb / 3P
Silicon Epitaxial Planar Zener Diodes
logo
Nanjing International G...
HZ DGNJDZ-HZ Datasheet
92Kb / 4P
Silicon Epitaxial Planar Zener Diodes
ZMC1 DGNJDZ-ZMC1 Datasheet
80Kb / 2P
Silicon Epitaxial Planar Zener Diodes
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
Silicon Epitaxial Planar Zener Diodes
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com