Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB9B320TA Fiches technique(PDF) 14 Page - SPANSION

No de pièce MB9B320TA
Description  This document states the current technical specifications regarding
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B320TA Fiches technique(HTML) 14 Page - SPANSION

Back Button MB9B320TA Datasheet HTML 10Page - SPANSION MB9B320TA Datasheet HTML 11Page - SPANSION MB9B320TA Datasheet HTML 12Page - SPANSION MB9B320TA Datasheet HTML 13Page - SPANSION MB9B320TA Datasheet HTML 14Page - SPANSION MB9B320TA Datasheet HTML 15Page - SPANSION MB9B320TA Datasheet HTML 16Page - SPANSION MB9B320TA Datasheet HTML 17Page - SPANSION MB9B320TA Datasheet HTML 18Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 141 page
background image
D a t a S h e e t
January 30, 2015, MB9B320TA_DS706-00062-2v0-E
11
CONFIDENTIAL
FPT-144P-M08
(TOP VIEW)
VCC
1
108
VSS
PA0/SIN8_0/TIOA08_0/MAD21_0
2
107
VCC
PA1/SOT8_0/TIOA09_0/MAD22_0
3
106
P83/MCSX6_0
PA2/SCK8_0/TIOA10_0/MAD23_0
4
105
P82/MCSX7_0
PA3/SIN9_0/TIOA11_0/MAD24_0
5
104
PF6/NMIX/WKUP0
PA4/SOT9_0/TIOA12_0/INT03_0
6
103
P20/AIN1_1/INT05_0/CROUT_0
PA5/SCK9_0/TIOA13_0/INT10_2
7
102
P21/SIN0_0/BIN1_1/INT06_1
P05/TRACED0/SIN4_2/TIOA05_2/INT00_1
8
101
P22/AN23/SOT0_0/ZIN1_1/TIOB07_1
P06/TRACED1/SOT4_2/TIOB05_2/INT01_1
9
100
P23/AN22/SCK0_0/RTO00_1/TIOA07_1
P07/TRACED2/ADTG_0/SCK4_2
10
99
P24/AN21/SIN2_1/RTO01_1/INT01_2
P08/TRACED3/CTS4_2/TIOA00_2
11
98
P25/AN20/SOT2_1/RTO02_1
P09/TRACECLK/RTS4_2/TIOB00_2
12
97
P26/AN19/SCK2_1/RTO03_1
P50/SIN3_1/AIN0_2/INT00_0/MOEX_0
13
96
P27/AN18/SCK12_0/RTO04_1/INT02_2
P51/SOT3_1/BIN0_2/INT01_0/MWEX_0
14
95
P28/AN17/ADTG_4/SOT12_0/RTO05_1/INT09_0
P52/SCK3_1/ZIN0_2/INT02_0/MDQM0_0
15
94
P29/AN16/SIN12_0
P53/SIN6_0/TIOA01_2/INT07_2/MDQM1_0
16
93
AVRH
P54/SOT6_0/TIOB01_2/MALE_0
17
92
AVRL
P55/ADTG_1/SCK6_0/MRDY_0
18
91
AVSS
P56/SIN1_0/TIOA09_2/INT08_2/CEC1_1/MNALE_0
19
90
AVCC
P57/SOT1_0/TIOB09_2/INT16_1/MNCLE_0
20
89
P1F/AN15/ADTG_5/FRCK0_1/TIOB15_2/INT29_1
P58/SCK1_0/TIOA11_2/INT17_1/MNWEX_0
21
88
P1E/AN14/RTS4_1/DTTI0X_1/TIOA15_2/INT28_1
P59/SIN7_0/TIOB11_2/INT09_2/MNREX_0
22
87
P1D/AN13/CTS4_1/IC03_1/TIOB14_2/INT27_1
P5A/SOT7_0/TIOA13_1/INT18_1/MCSX0_0
23
86
P1C/AN12/SCK4_1/IC02_1/TIOA14_2/INT26_1
P5B/SCK7_0/TIOB13_1/INT19_1/MCSX1_0
24
85
P1B/AN11/SOT4_1/IC01_1/TIOB13_2/INT25_1
VSS
25
84
P1A/AN10/SIN4_1/IC00_1/TIOA13_2/INT05_1
P36/SIN5_2/IC02_0/TIOA12_2/INT09_1
26
83
P19/AN09/SCK2_2/INT22_1
P37/SOT5_2/IC01_0/TIOB12_2/INT10_1
27
82
P18/AN08/SOT2_2/INT21_1
P38/SCK5_2/IC00_0/INT11_1
28
81
P17/AN07/SIN2_2/INT04_1
P39/ADTG_2/DTTI0X_0/RTCCO_2/SUBOUT_2
29
80
P16/AN06/SCK0_1/INT20_1
P3A/RTO00_0/TIOA00_1
30
79
P15/AN05/SOT0_1/IC03_2
P3B/RTO01_0/TIOA01_1
31
78
P14/AN04/SIN0_1/IC02_2/INT03_1
P3C/RTO02_0/TIOA02_1
32
77
P13/AN03/SCK1_1/IC01_2/RTCCO_1/SUBOUT_1
P3D/RTO03_0/TIOA03_1
33
76
P12/AN02/SOT1_1/IC00_2
P3E/RTO04_0/TIOA04_1
34
75
P11/AN01/SIN1_1/FRCK0_2/INT02_1/WKUP1
P3F/RTO05_0/TIOA05_1
35
74
P10/AN00
VSS
36
73
VCC
LQFP - 144
<Note>
The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated
port number. For these pins, there are multiple pins that provide the same function for the same channel.
Use the extended port function register (EPFR) to select the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More