| Moteur de recherche de fiches techniques de composants électroniques |
|
MB9B320TA Fiches technique(PDF) 33 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9B320TA Fiches technique(HTML) 33 Page - SPANSION |
|
33 / 141 page ![]() D a t a S h e e t 30 MB9B320TA_DS706-00062-2v0-E, January 30, 2015 CONFIDENTIAL List of pin functions The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to select the pin. Pin function Pin name Function description Pin No LQFP-176 LQFP-144 BGA-192 ADC ADTG_0 A/D converter external trigger input pin 10 10 E2 ADTG_1 18 18 F5 ADTG_2 37 29 K2 ADTG_3 167 137 E6 ADTG_4 119 95 F11 ADTG_5 105 89 H9 ADTG_6 31 - H6 ADTG_7 49 41 L4 ADTG_8 70 62 P8 AN00 A/D converter analog input pin. ANxx describes ADC ch.xx. 90 74 M13 AN01 91 75 M12 AN02 92 76 L13 AN03 93 77 L12 AN04 94 78 L11 AN05 95 79 K13 AN06 96 80 K12 AN07 97 81 K14 AN08 98 82 K11 AN09 99 83 J13 AN10 100 84 J12 AN11 101 85 J11 AN12 102 86 J10 AN13 103 87 J9 AN14 104 88 H10 AN15 105 89 H9 AN16 118 94 F10 AN17 119 95 F11 AN18 120 96 F12 AN19 121 97 F13 AN20 122 98 E10 AN21 123 99 E11 AN22 124 100 E12 AN23 125 101 E13 |