Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB9B320TA Fiches technique(PDF) 13 Page - SPANSION

No de pièce MB9B320TA
Description  This document states the current technical specifications regarding
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B320TA Fiches technique(HTML) 13 Page - SPANSION

Back Button MB9B320TA Datasheet HTML 9Page - SPANSION MB9B320TA Datasheet HTML 10Page - SPANSION MB9B320TA Datasheet HTML 11Page - SPANSION MB9B320TA Datasheet HTML 12Page - SPANSION MB9B320TA Datasheet HTML 13Page - SPANSION MB9B320TA Datasheet HTML 14Page - SPANSION MB9B320TA Datasheet HTML 15Page - SPANSION MB9B320TA Datasheet HTML 16Page - SPANSION MB9B320TA Datasheet HTML 17Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 141 page
background image
D a t a S h e e t
10
MB9B320TA_DS706-00062-2v0-E, January 30, 2015
CONFIDENTIAL
 Pin Assignment
FPT-176P-M07
(TOP VIEW)
VCC
1
132
VSS
PA0/SIN8_0/TIOA08_0/MAD21_0
2
131
VCC
PA1/SOT8_0/TIOA09_0/MAD22_0
3
130
P83/MCSX6_0
PA2/SCK8_0/TIOA10_0/MAD23_0
4
129
P82/MCSX7_0
PA3/SIN9_0/TIOA11_0/MAD24_0
5
128
PF6/NMIX/WKUP0
PA4/SOT9_0/TIOA12_0/INT03_0
6
127
P20/AIN1_1/INT05_0/CROUT_0
PA5/SCK9_0/TIOA13_0/INT10_2
7
126
P21/SIN0_0/BIN1_1/INT06_1
P05/TRACED0/SIN4_2/TIOA05_2/INT00_1
8
125
P22/AN23/SOT0_0/ZIN1_1/TIOB07_1
P06/TRACED1/SOT4_2/TIOB05_2/INT01_1
9
124
P23/AN22/SCK0_0/RTO00_1/TIOA07_1
P07/TRACED2/ADTG_0/SCK4_2
10
123
P24/AN21/SIN2_1/RTO01_1/INT01_2
P08/TRACED3/CTS4_2/TIOA00_2
11
122
P25/AN20/SOT2_1/RTO02_1
P09/TRACECLK/RTS4_2/TIOB00_2
12
121
P26/AN19/SCK2_1/RTO03_1
P50/SIN3_1/AIN0_2/INT00_0/MOEX_0
13
120
P27/AN18/SCK12_0/RTO04_1/INT02_2
P51/SOT3_1/BIN0_2/INT01_0/MWEX_0
14
119
P28/AN17/ADTG_4/SOT12_0/RTO05_1/INT09_0
P52/SCK3_1/ZIN0_2/INT02_0/MDQM0_0
15
118
P29/AN16/SIN12_0
P53/SIN6_0/TIOA01_2/INT07_2/MDQM1_0
16
117
AVRH
P54/SOT6_0/TIOB01_2/MALE_0
17
116
AVRL
P55/ADTG_1/SCK6_0/MRDY_0
18
115
AVSS
P56/SIN1_0/TIOA09_2/INT08_2/CEC1_1/MNALE_0
19
114
AVCC
P57/SOT1_0/TIOB09_2/INT16_1/MNCLE_0
20
113
PB7/TIOB12_1/INT23_0
P58/SCK1_0/TIOA11_2/INT17_1/MNWEX_0
21
112
PB6/SCK0_2/TIOA12_1/INT22_0
P59/SIN7_0/TIOB11_2/INT09_2/MNREX_0
22
111
PB5/SOT0_2/TIOB11_1/INT21_0
P5A/SOT7_0/TIOA13_1/INT18_1/MCSX0_0
23
110
PB4/SIN0_2/TIOA11_1/INT20_0
P5B/SCK7_0/TIOB13_1/INT19_1/MCSX1_0
24
109
PB3/TIOB10_1/INT19_0
P5C/TIOA06_2/INT28_0
25
108
PB2/SCK7_2/TIOA10_1/INT18_0
P5D/TIOB06_2/INT29_0
26
107
PB1/SOT7_2/TIOB09_1/INT17_0
VSS
27
106
PB0/SIN7_2/TIOA09_1/INT16_0
P30/AIN0_0/TIOB00_1/INT03_2/WKUP4
28
105
P1F/AN15/ADTG_5/FRCK0_1/TIOB15_2/INT29_1
P31/SCK6_1/BIN0_0/TIOB01_1/INT04_2
29
104
P1E/AN14/RTS4_1/DTTI0X_1/TIOA15_2/INT28_1
P32/SOT6_1/ZIN0_0/TIOB02_1/INT05_2
30
103
P1D/AN13/CTS4_1/IC03_1/TIOB14_2/INT27_1
P33/ADTG_6/SIN6_1/TIOB03_1/INT04_0
31
102
P1C/AN12/SCK4_1/IC02_1/TIOA14_2/INT26_1
P34/FRCK0_0/TIOB04_1
32
101
P1B/AN11/SOT4_1/IC01_1/TIOB13_2/INT25_1
P35/IC03_0/TIOB05_1/INT08_1
33
100
P1A/AN10/SIN4_1/IC00_1/TIOA13_2/INT05_1
P36/SIN5_2/IC02_0/TIOA12_2/INT09_1
34
99
P19/AN09/SCK2_2/INT22_1
P37/SOT5_2/IC01_0/TIOB12_2/INT10_1
35
98
P18/AN08/SOT2_2/INT21_1
P38/SCK5_2/IC00_0/INT11_1
36
97
P17/AN07/SIN2_2/INT04_1
P39/ADTG_2/DTTI0X_0/RTCCO_2/SUBOUT_2
37
96
P16/AN06/SCK0_1/INT20_1
P3A/RTO00_0/TIOA00_1
38
95
P15/AN05/SOT0_1/IC03_2
P3B/RTO01_0/TIOA01_1
39
94
P14/AN04/SIN0_1/IC02_2/INT03_1
P3C/RTO02_0/TIOA02_1
40
93
P13/AN03/SCK1_1/IC01_2/RTCCO_1/SUBOUT_1
P3D/RTO03_0/TIOA03_1
41
92
P12/AN02/SOT1_1/IC00_2
P3E/RTO04_0/TIOA04_1
42
91
P11/AN01/SIN1_1/FRCK0_2/INT02_1/WKUP1
P3F/RTO05_0/TIOA05_1
43
90
P10/AN00
VSS
44
89
VCC
LQFP - 176
<Note>
The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated
port number. For these pins, there are multiple pins that provide the same function for the same channel.
Use the extended port function register (EPFR) to select the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More