| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5171 Fiches technique(PDF) 21 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5171 Fiches technique(HTML) 21 Page - ams AG |
|
21 / 42 page ![]() ams Datasheet Page 21 [v1-01] 2016-Feb-17 Document Feedback AS5171 − Register Description Multiple Quadrants The multiple quadrants option allows repeating the same output control parameters up to 4 times over the full turn rotation as shown in the Figure 27, Figure 28, and Figure 29. The QUAD parameter sets the number of quadrants, as shown in the Figure 26. Figure 26: Number of Quadrants Figure 27: Dual Quadrant Mode QUADEN Number of Quadrants 00 Single 01 Double 10 Triple 11 Quadruple Upper failure band Lower failure band Max out CLMPH CLMPL BGPD BVPU Upper clamping band Lower clamping band 360 Measured angle |