Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5171 Fiches technique(PDF) 19 Page - ams AG

No de pièce AS5171
Description  Accurate angle measurement
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5171 Fiches technique(HTML) 19 Page - ams AG

Back Button AS5171 Datasheet HTML 15Page - ams AG AS5171 Datasheet HTML 16Page - ams AG AS5171 Datasheet HTML 17Page - ams AG AS5171 Datasheet HTML 18Page - ams AG AS5171 Datasheet HTML 19Page - ams AG AS5171 Datasheet HTML 20Page - ams AG AS5171 Datasheet HTML 21Page - ams AG AS5171 Datasheet HTML 22Page - ams AG AS5171 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
ams Datasheet
Page 19
[v1-01] 2016-Feb-17
Document Feedback
AS5171 − Register Description
Figure 22:
Output Transfer Function
The breakpoint BP sets the discontinuity point where the
output jumps from one clamping level to the other. It is strongly
recommended to set the breakpoint at the maximum distance
from the start and stop position (T1 and T2). To handle the case
of a full turn, a hysteresis function across the breakpoint can be
used to avoid sudden jumps between the lower and upper
clamping level.
Figure 23:
Hysteresis Setting
The hysteresis LSB is based on the core resolution (14-bit).
HYST
Hysteresis LSBs
00
0
01
56
10
91
11
137
Upper failure band
Lower failure band
Max out
CLMPH
CLMPL
OT2
OT1
T1
T2
BGPD
BVPU
Upper clamping band
Lower clamping band
BP
Electrical range
Mechanical range
Mechanical angle
Measured angle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42