Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5171 Fiches technique(PDF) 2 Page - ams AG

No de pièce AS5171
Description  Accurate angle measurement
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5171 Fiches technique(HTML) 2 Page - ams AG

  AS5171 Datasheet HTML 1Page - ams AG AS5171 Datasheet HTML 2Page - ams AG AS5171 Datasheet HTML 3Page - ams AG AS5171 Datasheet HTML 4Page - ams AG AS5171 Datasheet HTML 5Page - ams AG AS5171 Datasheet HTML 6Page - ams AG AS5171 Datasheet HTML 7Page - ams AG AS5171 Datasheet HTML 8Page - ams AG AS5171 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-01] 2016-Feb-17
AS5171 − General Description
Key Benefits and Features
The benefits and features of this device are listed below:
Figure 1:
Added Value of Using AS5171
Applications
The AS5171 is ideal for automotive applications like:
• Brake and Gas Pedals
• Throttle Valve and Tumble Flaps
• Steering Angle Sensors
• Chassis Ride
• EGR
• Fuel-Level Measurement Systems
• 2/4WD Switch
• Contactless Potentiometers
Benefits
Features
• Resolve small angular excursion with high
accuracy
• 12-bit resolution @90° minimum arc
• Accurate angle measurement
• Low output noise, low inherent INL
• Higher durability and lower system costs (no
shield needed)
• Magnetic stray field immunity
• Enabler for safety critical applications
• Functional safety, diagnostics, dual redundant chip
version
• Suitable for automotive applications
• AEC-Q100 Grade 0 qualified
• SIP Package (sensor + decoupling capacitors
for ESD/EMC)
• System cost reduction – no PCB and additional
components are needed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42