Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VNI8200XP-32 Fiches technique(PDF) 36 Page - STMicroelectronics

No de pièce VNI8200XP-32
Description  Octal high-side smart power solid-state relay with serial
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNI8200XP-32 Fiches technique(HTML) 36 Page - STMicroelectronics

Back Button VNI8200XP-32 Datasheet HTML 32Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 33Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 34Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 35Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 36Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 37Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 38Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 39Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
Package information
VNI8200XP-32
36/43
DocID027849 Rev 3
17
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK
® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK
® is an ST trademark.
17.1
PowerSSO-36 package information
Figure 18: PowerSSO-36 package outline
7587131 rev9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43