Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VNI8200XP-32 Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce VNI8200XP-32
Description  Octal high-side smart power solid-state relay with serial
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNI8200XP-32 Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button VNI8200XP-32 Datasheet HTML 23Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 24Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 25Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 26Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 27Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 28Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 29Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 30Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
VNI8200XP-32
LED driving array
DocID027849 Rev 3
27/43
11
LED driving array
The LED driving array carries out the status of the output channels (ON or OFF).
Figure 9: LED driving array
The following equation is an indication how to choose the Rext resistor value:
Rext= (VCOLmin.) - (VROWmax.)- VF(LED) / IF(LED)
where IF(LED) ≤ 7 mA and (VCOL min.) and (VROW max.) can be found in Table 11: "LED
driving array" and VF(LED) and IF(LED) depend on the electrical characteristics of the LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43