| Moteur de recherche de fiches techniques de composants électroniques |
|
VNI8200XP-32 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VNI8200XP-32 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 43 page ![]() Contents VNI8200XP-32 2/43 DocID027849 Rev 3 Contents 1 Description....................................................................................... 6 2 Block diagram.................................................................................. 7 3 Pin connection................................................................................. 8 4 Maximum ratings ........................................................................... 10 5 Electrical characteristics .............................................................. 12 5.1 Power section.................................................................................. 12 5.2 SPI characteristics .......................................................................... 13 5.3 Switching......................................................................................... 13 5.4 Logic inputs ..................................................................................... 14 5.5 Protection and diagnostic ................................................................ 14 5.6 Step-down switching regulator ........................................................ 16 5.7 LED driving array ............................................................................ 16 6 Reverse polarity protection .......................................................... 17 7 Demagnetization energy ............................................................... 18 8 Truth table...................................................................................... 19 9 Pin function description................................................................ 20 9.1 SPI/parallel selection mode (SEL2)................................................. 20 9.2 Serial data in (SDI).......................................................................... 20 9.3 Serial data out (SDO)...................................................................... 20 9.4 Serial data clock (CLK) ................................................................... 20 9.5 Slave select..................................................................................... 21 9.6 8/16-bit selection (SEL1) ................................................................. 21 9.7 Output enable (OUT_EN)................................................................ 21 9.8 IC warning case temperature detection........................................... 22 9.9 Fault indication ................................................................................ 22 9.10 Power Good ( PG ) ........................................................................ 23 9.11 Programmable watchdog counter reset (WD) ................................. 23 10 SPI operation (SEL2 = H) .............................................................. 25 10.1 8-bit SPI mode (SEL1 = L) .............................................................. 25 10.2 16-bit SPI mode (SEL1 = H)............................................................ 25 11 LED driving array .......................................................................... 27 |