Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PEB2256HT Fiches technique(PDF) 16 Page - Infineon Technologies AG

No de pièce PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Fiches technique(HTML) 16 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 12Page - Infineon Technologies AG PEB2256HT Datasheet HTML 13Page - Infineon Technologies AG PEB2256HT Datasheet HTML 14Page - Infineon Technologies AG PEB2256HT Datasheet HTML 15Page - Infineon Technologies AG PEB2256HT Datasheet HTML 16Page - Infineon Technologies AG PEB2256HT Datasheet HTML 17Page - Infineon Technologies AG PEB2256HT Datasheet HTML 18Page - Infineon Technologies AG PEB2256HT Datasheet HTML 19Page - Infineon Technologies AG PEB2256HT Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 490 page
background image
FALC56 V1.2
PEB 2256
Data Sheet
16
2002-08-27
Organization of this Document
This Data Sheet is organized as follows:
• Chapter 1, Introduction
Gives a general description of the product and its family, lists the key features, and
presents some typical applications.
• Chapter 2, Pin Descriptions
Lists pin locations with associated signals, categorizes signals according to function,
and describes signals.
• Chapter 3 to Chapter 5, Functional Description E1/T1/J1
These chapters describe the functional blocks and principle operation modes,
organized into separate sections for E1 and T1/J1 operation
• Chapter 6 and Chapter 7, Operational Description E1/T1/J1
Shows the operation modes and how they are to be initialized (separately for E1 and
T1/J1).
• Chapter 8, Signaling Controller Operating Modes
Describes signaling controller functions for both E1 and T1/J1 operation.
• Chapter 9 and Chapter 10, E1 Registers and T1/J1 Registers
Gives a detailed description of all implemented registers and how to use them in
different applications/configurations.
• Chapter 11, Electrical Characteristics
Specifies maximum ratings, DC and AC characteristics.
• Chapter 12, Package Outlines
Shows the mechanical values of the device packages.
• Chapter 13, Appendix
Gives an example for overvoltage protection and information about application notes
and other support.
• Chapter 14, Glossary
• Index



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More