Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F479II Fiches technique(PDF) 60 Page - STMicroelectronics

No de pièce STM32F479II
Description  8- to 14-bit parallel camera interface up to 54 Mbytes
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479II Fiches technique(HTML) 60 Page - STMicroelectronics

Back Button STM32F479II Datasheet HTML 56Page - STMicroelectronics STM32F479II Datasheet HTML 57Page - STMicroelectronics STM32F479II Datasheet HTML 58Page - STMicroelectronics STM32F479II Datasheet HTML 59Page - STMicroelectronics STM32F479II Datasheet HTML 60Page - STMicroelectronics STM32F479II Datasheet HTML 61Page - STMicroelectronics STM32F479II Datasheet HTML 62Page - STMicroelectronics STM32F479II Datasheet HTML 63Page - STMicroelectronics STM32F479II Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 208 page
background image
Pinouts and pin description
STM32F479xx
60/208
DocID028010 Rev 2
M11
J4
N14
92
111 N10
PD11
I/O
FT
-
USART3_CTS,
QUADSPI_BK1_IO0,
FMC_A16/FMC_CLE,
EVENTOUT
-
M13
M2
N13
93
112 M10
PD12
I/O
FT
-
TIM4_CH1,
USART3_RTS,
QUADSPI_BK1_IO1,
FMC_A17/FMC_ALE,
EVENTOUT
-
M12
H4
M15
94
113 M11
PD13
I/O
FT
-
TIM4_CH2,
QUADSPI_BK1_IO3,
FMC_A18, EVENTOUT
-
J10
M1
-
95
114
J10
VSS
S
-
-
-
-
K10
-
J13
96
115
J11
VDD
S
-
-
-
-
L12
L3
M14
97
116
L12
PD14
I/O
FT
-
TIM4_CH3, FMC_D0,
EVENTOUT
-
L13
L2
L14
98
117 K13
PD15
I/O
FT
-
TIM4_CH4, FMC_D1,
EVENTOUT
-
K13
L1
J12
99
118 H11
VDDDSI
S
-
-
-
-
-
-
-
-
-
H10
VSS
S
-
-
-
-
K12
K1
K12 100 119 K12
VCAPDSI
S
-
-
-
-
-
K2
D13
-
-
G13
VDD12DSI
S
-
-
-
-
J12
K3
M12 101 120
J12
DSIHOST_D0P I/O
-
-
-
-
J13
J3
M13 102 121
J13 DSIHOST_D0N I/O
-
-
-
-
K11
H1
H12 103 122 G12
VSSDSI
S
-
-
-
-
H12
J1
L12 104 123 H12 DSIHOST_CKP I/O
-
-
-
-
H13
J2
L13 105 124 H13 DSIHOST_CKN I/O
-
-
-
-
J11
-
D13 106 125
-
VDD12DSI
S
-
-
-
-
G12
H3
E12 107 126 F12 DSIHOST_D1P I/O
-
-
-
-
G13
H2
E13 108 127 F13 DSIHOST_D1N I/O
-
-
-
-
H11
-
H12 109 128
-
VSSDSI
S
-
-
-
-
F13
G5
L15 110 129 M13
PG2
I/O
FT
-
FMC_A12, EVENTOUT
-
F12
G4
K15 111 130 M12
PG3
I/O
FT
-
FMC_A13, EVENTOUT
-
E13
G2
K14 112 131 N12
PG4
I/O
FT
-
FMC_A14/FMC_BA0,
EVENTOUT
-
Table 10. STM32F479xx pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More