| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F479II Fiches technique(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F479II Fiches technique(HTML) 53 Page - STMicroelectronics |
|
53 / 208 page ![]() DocID028010 Rev 2 53/208 STM32F479xx Pinouts and pin description 79 E4 F10 E3 12 12 D5 PI10 I/O FT ETH_MII_RX_ER, FMC_D31, LCD_HSYNC, EVENTOUT - F2 F11 E4 13 13 F3 PI11 I/O FT LCD_G6, OTG_HS_ULPI_DIR, EVENTOUT - F5 F12 F2 14 14 F2 VSS S - - - - F4 G11 F3 15 15 F4 VDD S - - - - F3 G10 E2 16 16 D2 PF0 I/O FT I2C2_SDA, FMC_A0, EVENTOUT - G3 H10 H3 17 17 E2 PF1 I/O FT I2C2_SCL, FMC_A1, EVENTOUT - G5 G12 H2 18 18 G2 PF2 I/O FT I2C2_SMBA, FMC_A2, EVENTOUT - - - - - 19 E3 PI12 I/O FT LCD_HSYNC, EVENTOUT - - - - - 20 G3 PI13 I/O FT LCD_VSYNC, EVENTOUT - - - - - 21 H3 PI14 I/O FT LCD_CLK, EVENTOUT - H4 H11 J2 19 22 H2 PF3 I/O FT (4) FMC_A3, EVENTOUT ADC3_IN9 L4 J10 J3 20 23 J2 PF4 I/O FT (4) FMC_A4, EVENTOUT ADC3_IN14 H3 H12 K3 21 24 K3 PF5 I/O FT (4) FMC_A5, EVENTOUT ADC3_IN15 G7 J11 G2 22 25 H6 VSS S - - - - G8 J12 G3 23 26 H5 VDD S - - - - - - K2 24 27 K2 PF6 I/O FT (4) TIM10_CH1, SPI5_NSS, SAI1_SD_B, UART7_Rx, QUADSPI_BK1_IO3, EVENTOUT ADC3_IN4 - - K1 25 28 K1 PF7 I/O FT (4) TIM11_CH1, SPI5_SCK, SAI1_MCLK_B, UART7_Tx, QUADSPI_BK1_IO2, EVENTOUT ADC3_IN5 - - L3 26 29 L3 PF8 I/O FT (4) SPI5_MISO, SAI1_SCK_B, TIM13_CH1, QUADSPI_BK1_IO0, EVENTOUT ADC3_IN6 Table 10. STM32F479xx pin and ball definitions (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |