| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F479II Fiches technique(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F479II Fiches technique(HTML) 57 Page - STMicroelectronics |
|
57 / 208 page ![]() DocID028010 Rev 2 57/208 STM32F479xx Pinouts and pin description 79 - - - - 67 P7 PJ2 I/O FT - DSIHOST_TE, LCD_R3, EVENTOUT - - - - - 68 N8 PJ3 I/O FT - LCD_R4, EVENTOUT - - - - - 69 M9 PJ4 I/O FT - LCD_R5, EVENTOUT - M5 K7 R6 59 70 P8 PF11 I/O FT - SPI5_MOSI, FMC_SDNRAS, DCMI_D12, EVENTOUT - N5 M8 P6 60 71 M6 PF12 I/O FT - FMC_A6, EVENTOUT - J6 N8 M8 61 72 K7 VSS S - - - - K6 P8 N8 62 73 L8 VDD S - - - - M4 J7 N6 63 74 N6 PF13 I/O FT - FMC_A7, EVENTOUT - H5 L7 R7 64 75 P6 PF14 I/O FT - FMC_A8, EVENTOUT - M6 H8 P7 65 76 M8 PF15 I/O FT - FMC_A9, EVENTOUT - N6 J6 N7 66 77 N7 PG0 I/O FT - FMC_A10, EVENTOUT - M7 P7 M7 67 78 M7 PG1 I/O FT - FMC_A11, EVENTOUT - N7 N7 R8 68 79 R8 PE7 I/O FT - TIM1_ETR, UART7_Rx, QUADSPI_BK2_IO0, FMC_D4, EVENTOUT - G6 M7 P8 69 80 N9 PE8 I/O FT - TIM1_CH1N, UART7_Tx, QUADSPI_BK2_IO1, FMC_D5, EVENTOUT - H6 K6 P9 70 81 P9 PE9 I/O FT - TIM1_CH1, QUADSPI_BK2_IO2, FMC_D6, EVENTOUT - J7 - M9 71 82 K8 VSS S - - - - L6 - N9 72 83 L9 VDD S - - - - H7 P6 R9 73 84 R9 PE10 I/O FT - TIM1_CH2N, QUADSPI_BK2_IO3, FMC_D7, EVENTOUT - K7 N6 P10 74 85 P10 PE11 I/O FT - TIM1_CH2, SPI4_NSS, FMC_D8, LCD_G3, EVENTOUT - L7 M6 R10 75 86 R10 PE12 I/O FT - TIM1_CH3N, SPI4_SCK, FMC_D9, LCD_B4, EVENTOUT - J8 L6 N11 76 87 R12 PE13 I/O FT - TIM1_CH3, SPI4_MISO, FMC_D10, LCD_DE, EVENTOUT - Table 10. STM32F479xx pin and ball definitions (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |