Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ECMF04-4HSM10 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce ECMF04-4HSM10
Description  Common mode filter with ESD protection for high speed serial interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF04-4HSM10 Fiches technique(HTML) 4 Page - STMicroelectronics

  ECMF04-4HSM10 Datasheet HTML 1Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 2Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 3Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 4Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 5Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 6Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 7Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 8Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Characteristics
ECMF04-4HSM10
4/13
DocID024844 Rev 2
Figure 5. Differential (ZDD21) and common mode (ZCC21) impedance versus frequency
Figure 6. ESD response to IEC61000-4-2 (+8 kV contact discharge)
1E7
1E8
1E9
6E9
1E1
1E2
1E3
1E4
ZDD21
ZCC21
(Ω)
F
(Hz)
20 V/div
70.5 V
26.4 V
18.9 V
11.9 V
20 ns/div
1
2
4
V : ESD peak voltage
PP
V :clamping voltage @ 30 ns
CL
V :clamping voltage @ 60 ns
CL
V :clamping voltage @ 100 ns
CL
1
2
3
4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com