Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ECMF04-4HSM10 Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce ECMF04-4HSM10
Description  Common mode filter with ESD protection for high speed serial interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF04-4HSM10 Fiches technique(HTML) 1 Page - STMicroelectronics

  ECMF04-4HSM10 Datasheet HTML 1Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 2Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 3Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 4Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 5Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 6Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 7Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 8Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
August 2014
DocID024844 Rev 2
1/13
ECMF04-4HSM10
Common mode filter with ESD protection
for high speed serial interface
Datasheet
- production data
Figure 1. Pin configuration (top view)
Features
• Very large differential bandwidth to comply with
HDMI Full HD, MIPI, USB2.0, USB3.0, Display
Port and other high speed serial interfaces
• Provides -20 dB attenuation at 700 MHz in LTE
bands
• High common mode attenuation:- 25 dB
between 800 MHz - 900 MHz
• Very low PCB space consumption
• Thin package: 0.55 mm max.
• Lead-free package
• High reduction of parasitic elements through
integration.
Complies with the following standards:
• IEC 61000-4-2 level 4:
– ±15 kV (air discharge)
– ±8 kV (contact discharge)
Applications
• Mobile phones
• Notebook, laptop
• Portable devices
• PND
Description
This device is a highly integrated common mode
filter designed to suppress EMI/RFI common
mode noise on high speed differential serial
buses like HDMI Full HD, MIPI, Display Port and
other high speed serial interfaces.The device has
a very large differential bandwidth to comply with
these standards. The device can protect and filter
2 differential lanes.
µQFN-10L 2.60 x 1.35 mm
1
2
3
10
5
8
D1+
D1-
GND
D1+
D1-
GND
4
5
7
6
D2+
D2-
D2+
D2-
9
www.st.com


Numéro de pièce similaire - ECMF04-4HSM10

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ECMF04-4HSM10 STMICROELECTRONICS-ECMF04-4HSM10 Datasheet
2Mb / 14P
Common mode filter with ESD protection for high speed serial interface
09-Nov-2020
ECMF04-4HSM10 STMICROELECTRONICS-ECMF04-4HSM10_V01 Datasheet
2Mb / 14P
Common mode filter with ESD protection for high speed serial interface
09-Nov-2020
More results

Description similaire - ECMF04-4HSM10

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ECMF02-2BF3 STMICROELECTRONICS-ECMF02-2BF3 Datasheet
49Kb / 3P
Dual line IPAD?? common mode filter with ESD protection for high speed serial interface
01-Feb-2012
ECMF02-4CMX8 STMICROELECTRONICS-ECMF02-4CMX8 Datasheet
410Kb / 16P
Common mode filter with ESD protection for USB 2.0 Interface
19-Sep-2012
ECMF2-0730V12M12 STMICROELECTRONICS-ECMF2-0730V12M12 Datasheet
533Kb / 14P
Common mode filter with ESD protection for USB2.0 interface
01-Mar-2016
ECMF04-4HSWM10 STMICROELECTRONICS-ECMF04-4HSWM10 Datasheet
2Mb / 13P
Common-mode filter with ESD protection for high-speed serial interfaces
June 2014 Rev 1
ECMF4-20A42N10 STMICROELECTRONICS-ECMF4-20A42N10 Datasheet
656Kb / 13P
Common mode filter with ESD protection for high speed serial interface
16-May-2016
ECMF4-2450A17M10 STMICROELECTRONICS-ECMF4-2450A17M10 Datasheet
820Kb / 13P
Common mode filter with ESD protection for high speed serial interface
November 2016 Rev 1
ECMF06-6HSM16 STMICROELECTRONICS-ECMF06-6HSM16 Datasheet
532Kb / 13P
Common mode filter with ESD protection for high speed serial interface
August 2014 Rev 2
ECMF04-4HSM10 STMICROELECTRONICS-ECMF04-4HSM10_V01 Datasheet
2Mb / 14P
Common mode filter with ESD protection for high speed serial interface
09-Nov-2020
ECMF4-2450A60N10 STMICROELECTRONICS-ECMF4-2450A60N10 Datasheet
4Mb / 14P
Common mode filter with ESD protection for high speed serial interface
02-Jun-2021
ECMF2-40A100N6 STMICROELECTRONICS-ECMF2-40A100N6 Datasheet
6Mb / 17P
Common mode filter with ESD protection for high speed serial interface
27-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com