| Moteur de recherche de fiches techniques de composants électroniques |
|
TLV2553 Fiches technique(PDF) 11 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV2553 Fiches technique(HTML) 11 Page - Texas Instruments |
|
11 / 36 page ![]() Pad Zeros 1 2 3 5 4 6 10 11 12 1 MSB−1 MSB−2 MSB−3 MSB−4 MSB−5 MSB−8 MSB−9 LSB+1 LSB Hi−Z State D6 D5 D4 D3 D2 D1 D0 D7 8 7 9 MSB−6 MSB−7 D7 MSB MSB 16 Shift in New Multiplexer Address, Simultaneously Shift Out Previous Conversion Result Access Cycle Sample Cycle Channel Address A/D Conversion Interval Output Data Format tCONV Previous Conversion Data Initialize Initialize CS I/O CLOCK DATA OUT DATA IN EOC Shift in New Multiplexer Address, Simultaneously Shift Out Previous Conversion Result MSB 1 2 3 5 4 6 1 MSB−1 MSB−2 MSB−3 MSB−4 MSB−5 LSB+1 LSB 2 3 D6 D5 8 7 D7 Low Level MSB D6 D5 D4 D3 D2 D1 D0 D7 MSB−2 MSB−1 4 5 6 7 D4 D3 MSB−4 MSB−3 D2 D1 MSB−6 MSB−5 Access Cycle Sample Cycle Channel Address A/D Conversion Interval Output Data Format tCONV Previous Conversion Data Initialize Initialize CS I/O CLOCK DATA OUT DATA IN EOC TLV2553 www.ti.com SLAS354C – SEPTEMBER 2001 – REVISED SEPTEMBER 2015 NOTE: To minimize errors caused by noise at CS, the internal circuitry waits for a setup time after the CS falling edge before responding to control input signals. Therefore, no attempt should be made to clock in an address until the minimum CS setup time has elapsed. Figure 4. Timing for 8-Clock Transfer Not Using CS With DATA OUT Set for MSB First Figure 5. Timing for 16-Clock Transfer Using CS With DATA OUT Set for MSB First Copyright © 2001–2015, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Links: TLV2553 |