| Moteur de recherche de fiches techniques de composants électroniques |
|
TLV2553 Fiches technique(PDF) 10 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV2553 Fiches technique(HTML) 10 Page - Texas Instruments |
|
10 / 36 page ![]() Shift in New Multiplexer Address, Simultaneously Shift Out Previous Conversion Result 1 2 3 5 4 6 1 MSB−1 MSB−2 MSB−3 MSB−4 MSB−5 LSB+1 LSB Hi−Z State 2 3 D6 D5 D4 D3 D2 D1 D0 D6 D5 D7 8 7 D7 MSB MSB MSB−2 MSB−1 4 5 6 7 D4 D3 MSB−4 MSB−3 D2 D1 MSB−6 MSB−5 Access Cycle Sample Cycle Channel Address A/D Conversion Interval Output Data Format tCONV Previous Conversion Data CS I/O CLOCK DATA OUT DATA IN EOC Initialize Initialize MSB 1 2 3 5 4 6 10 11 12 1 MSB−1 MSB−2 MSB−3 MSB−4 MSB−5 MSB−8 MSB−9 LSB+1 LSB 2 3 D6 D5 8 7 9 MSB−6 MSB−7 D7 Low Level MSB D6 D5 D4 D3 D2 D1 D0 D7 MSB−2 MSB−1 Shift in New Multiplexer Address, Simultaneously Shift Out Previous Conversion Result Access Cycle Sample Cycle Channel Address A/D Conversion Interval Output Data Format tCONV Previous Conversion Data CS I/O CLOCK DATA OUT DATA IN EOC Initialize Initialize TLV2553 SLAS354C – SEPTEMBER 2001 – REVISED SEPTEMBER 2015 www.ti.com NOTE: To minimize errors caused by noise at CS, the internal circuitry waits for a setup time after the CS falling edge before responding to control input signals. Therefore, no attempt should be made to clock in an address until the minimum CS setup time has elapsed. Figure 2. Timing for 12-Clock Transfer Not Using CS With DATA OUT Set for MSB First Figure 3. Timing for 8-Clock Transfer Using CS With DATA OUT Set for MSB First 10 Submit Documentation Feedback Copyright © 2001–2015, Texas Instruments Incorporated Product Folder Links: TLV2553 |