Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F746VE Fiches technique(PDF) 92 Page - STMicroelectronics

No de pièce STM32F746VE
Description  Up to 168 I/O ports with interrupt capability
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F746VE Fiches technique(HTML) 92 Page - STMicroelectronics

Back Button STM32F746VE Datasheet HTML 88Page - STMicroelectronics STM32F746VE Datasheet HTML 89Page - STMicroelectronics STM32F746VE Datasheet HTML 90Page - STMicroelectronics STM32F746VE Datasheet HTML 91Page - STMicroelectronics STM32F746VE Datasheet HTML 92Page - STMicroelectronics STM32F746VE Datasheet HTML 93Page - STMicroelectronics STM32F746VE Datasheet HTML 94Page - STMicroelectronics STM32F746VE Datasheet HTML 95Page - STMicroelectronics STM32F746VE Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 227 page
background image
Memory mapping
STM32F745xx STM32F746xx
92/227
DocID027590 Rev 4
0x4001 6C00- 0x4001 FFFF
Reserved
APB2
0x4001 6800 - 0x4001 6BFF
LCD-TFT
0x4001 6000 - 0x4001 67FF
Reserved
0x4001 5C00 - 0x4001 5FFF
SAI2
0x4001 5800 - 0x4001 5BFF
SAI1
0x4001 5400 - 0x4001 57FF
SPI6
0x4001 5000 - 0x4001 53FF
SPI5
0x4001 4C00 - 0x4001 4FFF
Reserved
0x4001 4800 - 0x4001 4BFF
TIM11
0x4001 4400 - 0x4001 47FF
TIM10
0x4001 4000 - 0x4001 43FF
TIM9
0x4001 3C00 - 0x4001 3FFF
EXTI
0x4001 3800 - 0x4001 3BFF
SYSCFG
0x4001 3400 - 0x4001 37FF
SPI4
0x4001 3000 - 0x4001 33FF
SPI1/I2S1
0x4001 2C00 - 0x4001 2FFF
SDMMC
0x4001 2400 - 0x4001 2BFF
Reserved
0x4001 2000 - 0x4001 23FF
ADC1 - ADC2 - ADC3
0x4001 1800 - 0x4001 1FFF
Reserved
0x4001 1400 - 0x4001 17FF
USART6
0x4001 1000 - 0x4001 13FF
USART1
0x4001 0800 - 0x4001 0FFF
Reserved
0x4001 0400 - 0x4001 07FF
TIM8
0x4001 0000 - 0x4001 03FF
TIM1
Table 13. STM32F745xx and STM32F746xx register boundary addresses (continued)
Bus
Boundary address
Peripheral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More