| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F746VE Fiches technique(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F746VE Fiches technique(HTML) 60 Page - STMicroelectronics |
|
60 / 227 page ![]() Pinouts and pin description STM32F745xx STM32F746xx 60/227 DocID027590 Rev 4 - - - - - - 67 P7 PJ2 I/O FT - LCD_R3, EVENTOUT - - - - - - - 68 N8 PJ3 I/O FT - LCD_R4, EVENTOUT - - - - - - - 69 M9 PJ4 I/O FT - LCD_R5, EVENTOUT - - - M7 49 R6 59 70 P8 PF11 I/O FT - SPI5_MOSI, SAI2_SD_B, FMC_SDNRAS, DCMI_D12, EVENTOUT - - - N7 50 P6 60 71 M6 PF12 I/O FT - FMC_A6, EVENTOUT - - - - 51M861 72 K7 VSS S - - - - -- - 52 N8 62 73 L8 VDD S - - - - - - K6 53 N6 63 74 N6 PF13 I/O FT - I2C4_SMBA, FMC_A7, EVENTOUT - - - L6 54 R7 64 75 P6 PF14 I/O FT - I2C4_SCL, FMC_A8, EVENTOUT - - - M6 55 P7 65 76 M8 PF15 I/O FT - I2C4_SDA, FMC_A9, EVENTOUT - - - N6 56 N7 66 77 N7 PG0 I/O FT - FMC_A10, EVENTOUT - - - K5 57 M7 67 78 M7 PG1 I/O FT - FMC_A11, EVENTOUT - 37 H5 L5 58 R8 68 79 R8 PE7 I/O FT - TIM1_ETR, UART7_Rx, QUADSPI_BK2_IO0, FMC_D4, EVENTOUT - 38 J5 M5 59 P8 69 80 N9 PE8 I/O FT - TIM1_CH1N, UART7_Tx, QUADSPI_BK2_IO1, FMC_D5, EVENTOUT - 39 K5 N5 60 P9 70 81 P9 PE9 I/O FT - TIM1_CH1, UART7_RTS, QUADSPI_BK2_IO2, FMC_D6, EVENTOUT - - - H3 61 M9 71 82 K8 VSS S - - - - - - J5 62 N9 72 83 L9 VDD S - - - - 40 G6 J4 63 R9 73 84 R9 PE10 I/O FT - TIM1_CH2N, UART7_CTS, QUADSPI_BK2_IO3, FMC_D7, EVENTOUT - Table 10. STM32F745xx and STM32F746xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |