| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F746VE Fiches technique(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F746VE Fiches technique(HTML) 67 Page - STMicroelectronics |
|
67 / 227 page ![]() DocID027590 Rev 4 67/227 STM32F745xx STM32F746xx Pinouts and pin description 88 - - - - C14 133 156 C14 PI2 I/O FT - TIM8_CH4, SPI2_MISO, FMC_D26, DCMI_D9, LCD_G7, EVENTOUT - - - - - C13 134 157 C13 PI3 I/O FT - TIM8_ETR, SPI2_MOSI/I2S2_SD, FMC_D27, DCMI_D10, EVENTOUT - - - F5 - D9 135 - F9 VSS S - - - - - - A1 - C9 136 158 E10 VDD S - - - - 76 A9 B1 109 A14 137 159 A14 PA14(JT CK- SWCLK) I/O FT - JTCK-SWCLK, EVENTOUT - 77 A8 C2 110 A13 138 160 A13 PA15(JT DI) I/O FT - JTDI, TIM2_CH1/TIM2_ETR, HDMI-CEC, SPI1_NSS/I2S1_WS, SPI3_NSS/I2S3_WS, UART4_RTS, EVENTOUT - 78 B9 A2 111 B14 139 161 B14 PC10 I/O FT - SPI3_SCK/I2S3_CK, USART3_TX, UART4_TX, QUADSPI_BK1_IO1, SDMMC1_D2, DCMI_D8, LCD_R2, EVENTOUT - 79 B8 B2 112 B13 140 162 B13 PC11 I/O FT - SPI3_MISO, USART3_RX, UART4_RX, QUADSPI_BK2_NCS, SDMMC1_D3, DCMI_D4, EVENTOUT - 80 C8 C3 113 A12 141 163 A12 PC12 I/O FT - TRACED3, SPI3_MOSI/I2S3_SD, USART3_CK, UART5_TX, SDMMC1_CK, DCMI_D9, EVENTOUT - Table 10. STM32F745xx and STM32F746xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |