Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LED1642GW Fiches technique(PDF) 38 Page - STMicroelectronics

No de pièce LED1642GW
Description  16 channel LED driver with error detection current gain control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED1642GW Fiches technique(HTML) 38 Page - STMicroelectronics

Back Button LED1642GW Datasheet HTML 34Page - STMicroelectronics LED1642GW Datasheet HTML 35Page - STMicroelectronics LED1642GW Datasheet HTML 36Page - STMicroelectronics LED1642GW Datasheet HTML 37Page - STMicroelectronics LED1642GW Datasheet HTML 38Page - STMicroelectronics LED1642GW Datasheet HTML 39Page - STMicroelectronics LED1642GW Datasheet HTML 40Page - STMicroelectronics LED1642GW Datasheet HTML 41Page - STMicroelectronics LED1642GW Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
Package information
LED1642GW
38/42
DocID024395 Rev 6
Table 16. TSSOP24 exposed pad mechanical data
Dim.
mm
Min.
Typ.
Max.
A
1.20
A1
0.15
A2
0.80
1.00
1.05
b0.19
0.30
c0.09
0.20
D
7.70
7.80
7.90
D1
4.80
5.00
5.20
E
6.20
6.40
6.60
E1
4.30
4.40
4.50
E2
3.00
3.20
3.40
e0.65
L
0.45
0.60
0.75
L1
1.00
k0
8
aaa
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42