Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LED1642GW Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce LED1642GW
Description  16 channel LED driver with error detection current gain control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED1642GW Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button LED1642GW Datasheet HTML 2Page - STMicroelectronics LED1642GW Datasheet HTML 3Page - STMicroelectronics LED1642GW Datasheet HTML 4Page - STMicroelectronics LED1642GW Datasheet HTML 5Page - STMicroelectronics LED1642GW Datasheet HTML 6Page - STMicroelectronics LED1642GW Datasheet HTML 7Page - STMicroelectronics LED1642GW Datasheet HTML 8Page - STMicroelectronics LED1642GW Datasheet HTML 9Page - STMicroelectronics LED1642GW Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Pin description
LED1642GW
6/42
DocID024395 Rev 6
1
Pin description
Figure 1. TSSOP24, TSSOP24EP, QSOP-24 pinout
Figure 2. QFN-24 pinout
Table 1. Pin description
TSSOP24
TSSOP24EP
QSOP-24
QFN-24
Symbol
Name and function
1
22
GND
Ground terminal
2
23
SDI
Serial data input terminal
3
24
CLK
Clock input terminal
4
1
LE
Latch input terminal
5-20
2-17
OUT0-OUT15
Output terminals
21
18
PWCLK
Clock input for PWM counter
GND
SDI
CLK
LE
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
OUT9
OUT10
OUT11
OUT12
OUT13
OUT14
OUT15
PWCLK
SDO
R-EXT
VDD
AM13686v1
AM13687V1
1
2
3
4
5
6
7
89
10 11 12
13
14
15
16
17
18
19
20
21
22
23
24
LE
OUT0
OUT1
OUT2
OUT3
OUT4
OUT11
OUT12
OUT13
OUT14
OUT15
PWCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42