Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LED1642GW Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce LED1642GW
Description  16 channel LED driver with error detection current gain control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED1642GW Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button LED1642GW Datasheet HTML 31Page - STMicroelectronics LED1642GW Datasheet HTML 32Page - STMicroelectronics LED1642GW Datasheet HTML 33Page - STMicroelectronics LED1642GW Datasheet HTML 34Page - STMicroelectronics LED1642GW Datasheet HTML 35Page - STMicroelectronics LED1642GW Datasheet HTML 36Page - STMicroelectronics LED1642GW Datasheet HTML 37Page - STMicroelectronics LED1642GW Datasheet HTML 38Page - STMicroelectronics LED1642GW Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
DocID024395 Rev 6
35/42
LED1642GW
Package information
42
Table 14. QFN-24 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0
0.02
0.05
A3
0.20
b
0.18
0.25
0.30
D
3.85
4.00
4.15
D2
2.00
2.15
2.25
E
3.85
4.00
4.15
E2
2.00
2.15
2.25
e0.50
L
0.30
0.40
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42