Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9779WD Fiches technique(PDF) 160 Page - STMicroelectronics

No de pièce L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Fiches technique(HTML) 160 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 156Page - STMicroelectronics L9779WD Datasheet HTML 157Page - STMicroelectronics L9779WD Datasheet HTML 158Page - STMicroelectronics L9779WD Datasheet HTML 159Page - STMicroelectronics L9779WD Datasheet HTML 160Page - STMicroelectronics L9779WD Datasheet HTML 161Page - STMicroelectronics L9779WD Datasheet HTML 162Page - STMicroelectronics L9779WD Datasheet HTML 163Page - STMicroelectronics L9779WD Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 170 page
background image
Functional description
L9779WD
160/170
DocID027452 Rev 5
DIA_REG10
Diagnostic register 10
Address:
0111b
Type:
Reset:
Note: <OUT_DIS>: this bit has to be set to 0 with the command START before power
stages OUTx and IGNx can be activated. As long as <OUT_DIS>=1 any data for
these power stages is ignored. It is not affected by reading, and it is reset by POR,
software reset SW_RST command and when the RST pin is asserted.
765
43
2
1
0
TNL_RST
F1
CRK_RST
F2
VDD5_OV
V3V3_UV
OUT_DIS
OV_RST
[7] TNL_RST
0: No reset generated
1: Reset generated by TNL
[6] F1
0: No fault
1: any fault occurred in OUT1...10, OUT13...20, IGN1…4
[5] CRK_RST
0: No reset generated
1: Reset generated by VDD_UV (t<THOLD)
[4] F2
0: No fault
1: any fault occurred in OUT21...28
[3] VDD5_OV
0: No fault
1: Overvoltage on VDD5 regulator
[2] V3V3_UV
0: No fault
1: Undervoltage on V3V3 regulator
[1] OUT_DIS
0: All OUT can be switched ON
1: All OUT disabled (except MRD and supplies)
[0] OV_RST
0: No fault
1: Power stages were switched off due to battery overvoltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More