| Moteur de recherche de fiches techniques de composants électroniques |
|
L9779WD Fiches technique(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9779WD Fiches technique(HTML) 64 Page - STMicroelectronics |
|
64 / 170 page ![]() Functional description L9779WD 64/170 DocID027452 Rev 5 Figure 37. Behavior of OUT13, 14, 21, 25 with VB = VB_LV for a time shorter than Thold and with a valid ON condition OUT 13 to 18 Itopen Open load threshold current -30 - 90 µA OUT13, 14 THOLD Switch on to off delay during low battery voltage operation Tested by scan 400 - 800 ms VB_UV VB voltage threshold for low battery function -- - 4.15 V Table 27. LSd diagnosis electrical characteristics (continued) Pin Symbol Parameter Test condition Min Typ Max Unit |