Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9779WD Fiches technique(PDF) 68 Page - STMicroelectronics

No de pièce L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Fiches technique(HTML) 68 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 64Page - STMicroelectronics L9779WD Datasheet HTML 65Page - STMicroelectronics L9779WD Datasheet HTML 66Page - STMicroelectronics L9779WD Datasheet HTML 67Page - STMicroelectronics L9779WD Datasheet HTML 68Page - STMicroelectronics L9779WD Datasheet HTML 69Page - STMicroelectronics L9779WD Datasheet HTML 70Page - STMicroelectronics L9779WD Datasheet HTML 71Page - STMicroelectronics L9779WD Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 170 page
background image
Functional description
L9779WD
68/170
DocID027452 Rev 5
For LSc(OUT19,20) the IOUT_PD/IOUT_PU can be switched off by OFF_LCDR bit and
therefore the Open Load and Short To GND detections are not available.
Figure 40. LSx diagnosis circuit
Figure 41. Fault encoding condition diagram
Table 28. Fault encoding condition
Bit n
Bit n+1
Description
1
1
Power stage OK no Fail
0
1
Open Load OL
1
0
Short circuit to VB/over current SGB
0
0
Short circuit to GND SCG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More