| Moteur de recherche de fiches techniques de composants électroniques |
|
L9779WD Fiches technique(PDF) 155 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9779WD Fiches technique(HTML) 155 Page - STMicroelectronics |
|
155 / 170 page ![]() DocID027452 Rev 5 155/170 L9779WD Functional description 169 Note: All diagnosis bit (including OT1, F1, OT2, F2) will be cleared automatically by reading – i.e. if a diagnosis bits indicates a fault this fault has occurred after the last read access to this register. DIA_REG4:[7-6] OUT18_DIAG: Diagnosis bit of power stage OUT18 00: Short-circuit to ground (SCG) 01: Open load (OL) 10: Short-circuit to BAT (SCB) 11: Power stage OK NO FAIL DIA_REG4:[5-4] OUT17_DIAG: Diagnosis bit of power stage OUT17 00: Short-circuit to ground (SCG) 01: Open load (OL) 10: Short-circuit to BAT (SCB) 11: Power stage OK NO FAIL DIA_REG4:[3-2] OUT16_DIAG: Diagnosis bit of power stage OUT16 00: Short-circuit to ground (SCG) 01: Open load (OL) 10: Short-circuit to BAT (SCB) 11: Power stage OK NO FAIL DIA_REG4:[1-0] OUT15_DIAG: Diagnosis bit of power stage OUT15 00: Short-circuit to ground (SCG) 01: Open load (OL) 10: Short-circuit to BAT (SCB) 11: Power stage OK NO FAIL DIA_REG5:[7:4] RESERVED: All bit read 1 DIA_REG5:[3-2] OUT20_DIAG: Diagnosis bit of power stage OUT20 00: Short-circuit to ground (SCG) 01: Open load (OL) 10: Short-circuit to BAT (SCB) 11: Power stage OK NO FAIL DIA_REG5:[1-0] OUT19_DIAG: Diagnosis bit of power stage OUT19 00: Short-circuit to ground (SCG) 01: Open load (OL) 10: Short-circuit to BAT (SCB) 11: Power stage OK NO FAIL |