Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9779WD Fiches technique(PDF) 144 Page - STMicroelectronics

No de pièce L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Fiches technique(HTML) 144 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 140Page - STMicroelectronics L9779WD Datasheet HTML 141Page - STMicroelectronics L9779WD Datasheet HTML 142Page - STMicroelectronics L9779WD Datasheet HTML 143Page - STMicroelectronics L9779WD Datasheet HTML 144Page - STMicroelectronics L9779WD Datasheet HTML 145Page - STMicroelectronics L9779WD Datasheet HTML 146Page - STMicroelectronics L9779WD Datasheet HTML 147Page - STMicroelectronics L9779WD Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 170 page
background image
Functional description
L9779WD
144/170
DocID027452 Rev 5
STEP_CNT_L
STEPPER COUNTER LOW
Address:
1100b
Type:
R
Reset:
0000 0000
IDENT_REG
Identity register
Address:
1111b
Type:
R
Reset:
0000_0000
7
6
5
43210
LINEUP2
LINEUP1
RESERVED
CNT[4:0]
R
[7] LINEUP2: used to assure the alignment of high and low part of the counter
[6] LINEUP1: used to assure the alignment of high and low part of the counter
[5] RESERVED: not used
[4:0] CNT[4:0]: low part of steps count
7
6
5
4
321
0
IDENT[2:0]
MCR[2:0]
MSR[1:0]
R
[7:5] IDENT[2:0]: chip identifier
000: L9779WD
001
010
011
[4:2] MCR[2:0]: chip revision corresponding to: metal change
000: AA version
001: AB version
010: AC version
110: AD version
[1:0] MSR[1:0]: chip revision corresponding to: full mask set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More